Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLE3800PC-LP Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLE3800PC-LP
Description  Intel E3800 Series SoC Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLE3800PC-LP Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLE3800PC-LP Datasheet HTML 1Page - ADL Embedded Solutions ADLE3800PC-LP Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADLE3800PC PCIe/104 SBC
Intel® E3800 Series SoC Processors
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
ITEM CODE
PART #
DESCRIPTION
PCIe/104 Board
ADLE3800PC-E3845
292800
Intel E3845; QC, 1.91 GHz, 2MB, 10W TDP
ADLE3800PC-E3827
292802
Intel E3827; DC, 1.75 GHz, 1MB, 8W TDP
Memory
4GB DDR3L-1600
997600
DDR3L-1600MHz 4GB Standard Temperature
8GB DDR3L-1600
997601
DDR3L-1600MHz 8GB Standard Temperature
4GB DDR3L-1600-EX
997602
DDR3L-1600MHz 4GB Extended Temperature
8GB DDR3L-1600-EX
997604
DDR3L-1600MHz 8GB Extended Temperature
Options and Accessories
ADL-ET
290000
Extended Temp Screen (-40º to +85º C)
UNDERFILL
807707
BGA underfill req’d for –40C operation
COATING
807706
Conformal Coating
UNDERFILL / BONDING / COATING
807709
Underfilling, Bonding, and Conformal Coating
Thermal Solutions
ADLE3800PC-SP0600
292806
0.600” Heat Spreader
ADLE3800PC-SP1000
292808
1.000” Heat Spreader
ADLE3800PC-LP
292810
Low Profile Passive Heatsink
ADLE3800PC-FANSINK
292812
2” x 2” Fansink
*Data subject to change without notice.
ORDERING INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com