Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLE3800PC-LP Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLE3800PC-LP
Description  Intel E3800 Series SoC Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLE3800PC-LP Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLE3800PC-LP Datasheet HTML 1Page - ADL Embedded Solutions ADLE3800PC-LP Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADLE3800PC PCIe/104 SBC
Intel® E3800 Series SoC Processors
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLE3800PC is Microsoft Azure Certified thus making it
ideal for cloud-based IoT solutions for any environment.
The ADLE3800PC is based on Intel’s first System-on-
Chip (SoC) E3800 Atom product family which uses Intel’s
22nm 3D Tri-gate process. It offers vastly superior compute
performance and energy efficiency including Intel’s 7th
generation graphics engine for stunning graphics performance.
Improved power management capabilities result in standby
power measured in milliwatts with days of standby time.
The ADLE3800PC is ideal for rugged, extended temperature
intelligent systems with stringent size, weight, and power
(SWAP) requirements. It has a wide thermal junction
temperature (Tj) ranging from -40C to +85C. Its graphics
engine is capable of decoding 10 or more streams of 1080p
video, has integrated hardware acceleration for video de-code
of H.264, MVC, VPG8, VC1/WMV9 and others standards.
It also supports DirectX 11, Open GL 4.0, full HD video
playback, dual display support and a maximum resolution of
2560 x 1600 @ 60Hz.
FEATURES
• Intel® E3800 Series SoC
Processors; DC/Quad
• Up to 8 GB DDR3L-1333; 1.35V
SoDIMM204 Socket
• CPU TDP 8W to 10W
• Type 2 Downward-Stacking
PCIe/104 V2.01 with 2x Gen2
PCIe x1 Lanes; LPC, SMBus, 2x
USB 2.0
• 2x SATA 3 Gb/s; Shared with
mSATA Socket
• 2x 10/100/1000 Mbit Ethernet
LAN Port; Intel i210
• 2x RS232 COM Ports
• 8x USB 2.0 Total: 4x USB
2.0 Pin Connector, 2x PCIe
Connector, 1x Mini PCIe
*Data subject to change without notice.
The PCIe/104 expansion bus offers added Type 2 functionality
including SMBus, USB2.0, and up to 2x PCIe X1 lanes for
additional I/O features.
FEATURE
TYPE 2
PCIe x1
2/1*
PCIe x4
0
PCIe x16
0
USB 3.0
0
USB 2.0
2
SMB
1
LPC
1
RTC Battery
1
NEW! ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings
to the Linux environment the same type of CPU health
monitor functions that have previously been readily available
only in the Windows environment. Click here to download
the drivers.
APPLICATIONS
• Factory automation
• Unmanned systems
• Drone payload computing
• Traffic technology
• Rugged surveillance cameras
• Cloud-based IoT solutions
Socket, 1x USB 3.0 (Backward
Compatible to USB 2.0)
• 1x USB 3.0
• Onboard VGA/DVI, DisplayPort/
HDMI
• Discrete 16bit GPIO Port;
PCA9535BS, No Interrupt
• 7.1 HD Audio with SPDIF In/Out
• PCI Express Mini Card 1.2
Socket; Compatible with Mini
PCIe or mSATA Modules
• Windows 7, Windows 8, Windows
10, Linux Compatible
• 90 mm x 96 mm, PCIe/104 Form
Factor
• Input Power = 5VDC, 5VS
(12VDC for PCIe/104 Connector)
DESCRIPTION


Similar Part No. - ADLE3800PC-LP

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLE3800PC ADL-ADLE3800PC Datasheet
589Kb / 1P
cpu tdp 8w to 10w
More results

Similar Description - ADLE3800PC-LP

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLE3800HD ADL-ADLE3800HD_18 Datasheet
907Kb / 2P
Intel 3800 Series SoC Processors
ADLE3800HDC ADL-ADLE3800HDC Datasheet
681Kb / 2P
Intel 3800 Series Industrial IoT-Ready SoC Processors
logo
GSR Technology Ltd
BT551 GSR-BT551 Datasheet
849Kb / 2P
Intel® AtomTM E3800 Series
logo
DFI Inc
BT9A3 DFI-BT9A3 Datasheet
1Mb / 2P
Intel Atom E3800 Series COM Express Mini
BT253 DFI-BT253 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
BT259 DFI-BT259 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
BT551 DFI-BT551 Datasheet
853Kb / 2P
Intel Atom E3800 Series 3.5
BT700 DFI-BT700 Datasheet
609Kb / 2P
Intel AtomTM E3800 Series AtomTM E3800 Series
BT968 DFI-BT968 Datasheet
1Mb / 2P
Intel AtomTM E3800 Series COM Express Compact
logo
Adlink Technology Inc.
ETX-BT ADLINK-ETX-BT Datasheet
299Kb / 4P
ETX Module with Intel Atom Processor E3800 Series SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com