Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2188 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2188
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2188 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2188 Datasheet HTML 8Page - Monolithic Power Systems MP2188 Datasheet HTML 9Page - Monolithic Power Systems MP2188 Datasheet HTML 10Page - Monolithic Power Systems MP2188 Datasheet HTML 11Page - Monolithic Power Systems MP2188 Datasheet HTML 12Page - Monolithic Power Systems MP2188 Datasheet HTML 13Page - Monolithic Power Systems MP2188 Datasheet HTML 14Page - Monolithic Power Systems MP2188 Datasheet HTML 15Page - Monolithic Power Systems MP2188 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP2188 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2188 Rev. 1.01
www.MonolithicPower.com
12
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
hiccup mode until the current drops to prevent
the inductor current from rising and possibly
damaging the components.
Short Circuit and Recovery
The MP2188 also enters short-circuit protection
(SCP) mode when it hits the current limit, and
tries to recover from the short circuit by entering
hiccup mode. In SCP, the MP2188 disables the
output power stage, discharges a soft-start
capacitor,
and
then
enacts
a
soft-start
procedure. If the short-circuit condition still
holds after soft-start ends, the MP2188 repeats
this operation until the short circuit ceases and
output rises back to regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com