Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2188 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2188
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2188 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2188 Datasheet HTML 9Page - Monolithic Power Systems MP2188 Datasheet HTML 10Page - Monolithic Power Systems MP2188 Datasheet HTML 11Page - Monolithic Power Systems MP2188 Datasheet HTML 12Page - Monolithic Power Systems MP2188 Datasheet HTML 13Page - Monolithic Power Systems MP2188 Datasheet HTML 14Page - Monolithic Power Systems MP2188 Datasheet HTML 15Page - Monolithic Power Systems MP2188 Datasheet HTML 16Page - Monolithic Power Systems MP2188 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP2188 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2188 Rev. 1.01
www.MonolithicPower.com
14
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, use a small high-quality ceramic
capacitor (0.1μF), placed as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
)
V
V
1
(
V
V
C
f
I
V
IN
OUT
IN
OUT
IN
S
LOAD
IN
−
×
×
×
=
Δ
Selecting the Output Capacitor
The output capacitor (COUT) maintains the
output DC voltage. Use ceramic capacitors.
Low-ESR capacitors keep the output voltage
ripple low. The output voltage ripple can be
estimated by:
)
C
f
8
1
R
(
)
V
V
1
(
L
f
V
V
OUT
S
ESR
IN
OUT
S
OUT
OUT
×
×
+
×
−
×
×
=
Δ
Where L is the inductor value and RESR is the
equivalent series resistance of the output
capacitor.
Using ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification,
the output voltage ripple can be estimated by:
)
V
V
1
(
C
L
f
8
V
V
IN
OUT
OUT
2
S
OUT
OUT
−
×
×
×
×
=
Δ
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
ESR
IN
OUT
S
OUT
OUT
R
)
V
V
1
(
L
f
V
V
×
−
×
×
=
Δ
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Recommendation of MP2188
Proper layout of the switching power supplies is
very important, and sometimes critical for
proper operation. For high-frequency switching
converters, poor layout could lead to poor line
or load regulation and stability issues.
The high current paths (GND, IN, and SW)
should be placed very close to the device using
short, direct, and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
For MP2188 PCB layout, there are two
recommended layouts for selecting. Figure 2
(refer to schematic figure 4) shows symmetric
PCB layout. If the layout is space limited, and
has to be asymmetric, a ferrite bead (The
Impedance
should
>220mΩ@100MHz)
is
suggested to separate the two input of each
channel. Figure 3 (refer to schematic figure 5)
shows asymmetric PCB layout.
Figure 2: symmetric PCB layout
Figure 3: asymmetric PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com