Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS191J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS191J
Description  Synchronous 4-Bit Up/Down Counters with Mode Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS191J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS191J Datasheet HTML 1Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 2Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 3Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 4Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 5Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 6Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 7Page - National Semiconductor (TI) DM54LS191J Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6405
May 1989
DM54LS190DM74LS190 DM54LS191DM74LS191
Synchronous 4-Bit UpDown Counters with Mode Control
General Description
These circuits are synchronous reversible updown coun-
ters The LS191 is a 4-bit binary counter and the LS190 is a
BCD counter Synchronous operation is provided by having
all flip-flops clocked simultaneously so that the outputs
change simultaneously when so instructed by the steering
logic This mode of operation eliminates the output counting
spikes normally associated with asynchronous (ripple clock)
counters
The outputs of the four master-slave flip-flops are triggered
on a low-to-high level transition of the clock input if the
enable input is low A high at the enable input inhibits count-
ing Level changes at either the enable input or the down
up input should be made only when the clock input is high
The direction of the count is determined by the level of the
downup input When low the counter counts up and when
high it counts down
These counters are fully programmable that is the outputs
may be preset to either level by placing a low on the load
input and entering the desired data at the data inputs The
output will change independent of the level of the clock in-
put This feature allows the counters to be used as modulo-
N dividers by simply modifying the count length with the
preset inputs
The clock downup and load inputs are buffered to lower
the drive requirement which significantly reduces the num-
ber of clock drivers etc required for long parallel words
Two outputs have been made available to perform the cas-
cading function ripple clock and maximumminimum count
The latter output produces a high-level output pulse with a
duration approximately equal to one complete cycle of the
clock when the counter overflows or underflows The ripple
clock output produces a low-level output pulse equal in
width to the low-level portion of the clock input when an
overflow or underflow condition exists The counters can be
easily cascaded by feeding the ripple clock output to the
enable input of the succeeding counter if parallel clocking is
used or to the clock input if parallel enabling is used The
maximumminimum count output can be used to accom-
plish look-ahead for high-speed operation
Features
Y
Counts 8-4-2-1 BCD or binary
Y
Single downup count control line
Y
Count enable control input
Y
Ripple clock output for cascading
Y
Asynchronously presettable with load control
Y
Parallel outputs
Y
Cascadable for n-bit applications
Y
Average propagation delay 20 ns
Y
Typical clock frequency 25 MHz
Y
Typical power dissipation 100 mW
Connection Diagram
Dual-In-Line-Package
TLF6405-1
Order Number DM54LS190J DM54LS191J DM54LS190W
DM54LS191W DM74LS190M DM74LS191M DM74LS190N or DM74LS191N
See NS Package Number
J16A M16A N16A or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54LS191J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS10 NSC-DM54LS10 Datasheet
120Kb / 6P
Triple 3-Input NAND Gates
DM54LS107A NSC-DM54LS107A Datasheet
119Kb / 6P
Dual Negative-Edge- Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
DM54LS107AJ NSC-DM54LS107AJ Datasheet
119Kb / 6P
Dual Negative-Edge- Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
DM54LS107AW NSC-DM54LS107AW Datasheet
119Kb / 6P
Dual Negative-Edge- Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
DM54LS109A NSC-DM54LS109A Datasheet
135Kb / 6P
Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
More results

Similar Description - DM54LS191J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Oct-1992
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
National Semiconductor ...
MM54HC190 NSC-MM54HC190 Datasheet
202Kb / 8P
MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
logo
Texas Instruments
CD54HC190 TI-CD54HC190 Datasheet
614Kb / 26P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com