Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2225 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2225 Datasheet HTML 8Page - Monolithic Power Systems MP2225 Datasheet HTML 9Page - Monolithic Power Systems MP2225 Datasheet HTML 10Page - Monolithic Power Systems MP2225 Datasheet HTML 11Page - Monolithic Power Systems MP2225 Datasheet HTML 12Page - Monolithic Power Systems MP2225 Datasheet HTML 13Page - Monolithic Power Systems MP2225 Datasheet HTML 14Page - Monolithic Power Systems MP2225 Datasheet HTML 15Page - Monolithic Power Systems MP2225 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
12
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2225 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve 5A output current
with excellent load and line regulation over a
wide input supply range.
The MP2225 operates in a fixed-frequency,
peak-current–control mode to regulate the
output voltage. An internal clock initiates a
PWM cycle. The integrated high-side power
MOSFET turns on and remains in on-state until
the current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
95% of one PWM period, the current in the
power MOSFET does not reach the value set
by the COMP value, the power MOSFET is
forced to turn off.
VCC Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output decreases, and the part
requires a 0.1µF ceramic capacitor to decouple
noise.
AAM Operation
The
MP2225
has
AAM
(Advanced
Asynchronous Modulation) which is Internal
Power-save Mode for light load operation. AAM
voltage VAAM is internally fixed. Under the heavy
load condition, the VCOMP is higher than VAAM.
When the clock goes high, the high-side power
MOSFET turns on and remains on until VILsense
reaches the value set by the COMP voltage.
The internal clock resets every time when VCOMP
is higher than VAAM.
Under the light load condition, the value of
VCOMP is becomes lower. When VCOMP is less
than VAAM and VFB is less than VREF, VCOMP
ramps up until it exceeds VAAM. During this time,
the internal clock is blocked, thus the MP2225
skips some pulses for PFM (Pulse Frequency
Modulation) mode and achieves the light load
power save.
Figure 2: Simplified AAM Control Logic
Under light load condition, the inductor peak
current is internally set to be fairly 800mA.
Error Amplifier
The error amplifier compares the FB pin voltage
against the internal 0.6V reference (REF) and
generates COMP voltage as output —COMP
controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
converter on and off. Drive EN/SYNC high to
turn on the converter; drive it low to turn it off.
An internal 1MΩ resistor from EN/SYNC to
GND allows EN/SYNC to be floated to shut
down the chip.
The EN/SYNC pin is clamped internally using a
5.6V series-Zener-diode as shown in Figure 3.
Connecting the EN/SYNC input pin through a
pullup resistor to the voltage on the VIN pin
limits the EN/SYNC input current to less than
100µA.
For example, with 12V connected to Vin,
RPULLUP ≥ (12V – 5.6V) ÷ 100µA = 64kΩ.
Connecting the EN/SYNC pin directly to a
voltage source without any pullup resistor
requires limiting the amplitude of the voltage
source to ≤5V to prevent damage to the Zener
diode.
5.6V-typ
Figure 3: 5.6V Zener Diode Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com