Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2225 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2225 Datasheet HTML 9Page - Monolithic Power Systems MP2225 Datasheet HTML 10Page - Monolithic Power Systems MP2225 Datasheet HTML 11Page - Monolithic Power Systems MP2225 Datasheet HTML 12Page - Monolithic Power Systems MP2225 Datasheet HTML 13Page - Monolithic Power Systems MP2225 Datasheet HTML 14Page - Monolithic Power Systems MP2225 Datasheet HTML 15Page - Monolithic Power Systems MP2225 Datasheet HTML 16Page - Monolithic Power Systems MP2225 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
13
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
To use external clock synchronization, connect
a clock with a frequency range between 200kHz
and 2MHz. The internal clock rising edge will
synchronize with the external clock rising edge.
Meanwhile the width of high level should be
longer than 250ns, and width of low level longer
than 100ns.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at insufficient supply voltage.
The MP2225 UVLO comparator monitors the
output voltage of the internal regulator, VCC.
The UVLO rising threshold is about 4.1V while
its falling threshold is 3.4V.
Soft-Start
The soft-start prevents the converter output
voltage from overshooting during startup. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
VCC. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF
as the reference.
The SS time is internally set to 2.4ms.
Over-Current-Protection and Hiccup
The MP2225 has a cycle-by-cycle over-current
limit which can limit the inductor current in case
of output over load or short circuit(SC). If the
over load or SC events last for enough long
time, FB voltage can drop below the Under-
Voltage (UV) threshold—typically 30% of the
reference. Once UV is triggered, the MP2225
enters hiccup mode to periodically restart the
part. This protection mode is especially useful
when the output is dead-shorted to ground. The
average short circuit current is greatly reduced
to alleviate thermal issues and to protect the
regulator. The MP2225 exits the hiccup mode
once the over-current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the temperature of the silicon reaches
150oC, the whole chip is shut down. When the
temperature is less than its lower threshold,
typically 130°C, the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.6V with a
hysteresis of 350mV. The bootstrap capacitor
voltage is regulated internally by VIN through D1,
M1, C4, L1 and C2 (Figure 4). If (VBST-VSW)
exceeds 5V, U1 will regulate M1 to maintain a
5V BST voltage across C4.
Figure 4: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts. The reference block
starts up first, generating stable reference
voltage, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com