Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2229 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2229 Datasheet HTML 8Page - Monolithic Power Systems MP2229 Datasheet HTML 9Page - Monolithic Power Systems MP2229 Datasheet HTML 10Page - Monolithic Power Systems MP2229 Datasheet HTML 11Page - Monolithic Power Systems MP2229 Datasheet HTML 12Page - Monolithic Power Systems MP2229 Datasheet HTML 13Page - Monolithic Power Systems MP2229 Datasheet HTML 14Page - Monolithic Power Systems MP2229 Datasheet HTML 15Page - Monolithic Power Systems MP2229 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP2229 – 21V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP2229 Rev. 1.0
www.MonolithicPower.com
12
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP2229 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a
compact solution to achieve a 6A continuous
output current over a wide input-supply range
with excellent load and line regulation.
When MP2229 works in fixed-frequency peak
current-mode control to regulate the output
voltage, the internal clock initiates the PWM
cycle and turns on the integrated high-side
power
MOSFET
(HS-FET).
The
HS-FET
remains on until its current reaches the value
set by the COMP voltage. When the power
switch is off, it remains off until the next clock
cycle starts. If the current in the power
MOSFET does not reach the value set by the
COMP value within 95% of one PWM period,
then the HS-FET is forced off.
Error Amplifier (EA)
The error amplifier compares the FB voltage
against the internal 0.6V reference (VREF) and
outputs a current proportional to the difference
between the two. This output current charges or
discharges the internal compensation network
to form the COMP voltage, which controls the
power MOSFET current. The optimized internal
compensation network minimizes the external
component count and simplifies control loop
design.
Internal Regulator
The 5V internal regulator powers most of the
internal circuitries. The regulator takes the VIN
and operates in the full VIN range. When VIN
exceeds 5V, the output of the regulator is in full
regulation. If VIN is less than 5V, the output
decreases with VIN. The part requires a 0.1µF
ceramic decoupling capacitor.
Enable Control (EN)
The MP2229 has a dedicated enable control pin
(EN). Pull EN high, or float, to enable the IC;
pull EN low to disable the IC.
The EN voltage is clamped to around 5.6V by
an internal Zener diode (see Figure 2). A pull-
up resistor is not needed to pull up the EN
voltage. If EN is connected to a voltage source
higher than 5V, a resistor is needed from the
voltage source to EN in order to limit the EN
input current to less than 100µA. This helps
prevent damage to the internal Zener diode.
For example, connecting 12V to EN through a
pull-up resistor, RPULLUP ≥ (12V – 5.6V)/100µA =
64kΩ.
Connecting EN directly to a voltage source
without a pull-up resistor requires limiting the
amplitude of the voltage source to below 5V to
prevent damage to the internal Zener diode.
FIGURE 2. Zener Diode between EN and GND
Setting the Frequency and Synchronizing
Connect a resistor from FREQ/SYNC to ground
to set the switching frequency. The value of the
frequency can be calculated approximately from:
S
FREQ
16000
F(kHz)
R(k ) 2.3
=
Ω+
The frequency vs. RFREQ is shown in Figure 3.
FIGURE 3. Switching Frequency vs RFREQ
Also, the MP2229 can be synchronized to an
external clock with a range from 300kHz to
2MHz
through
FREQ/SYNC.
The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com