Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2229 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2229 Datasheet HTML 9Page - Monolithic Power Systems MP2229 Datasheet HTML 10Page - Monolithic Power Systems MP2229 Datasheet HTML 11Page - Monolithic Power Systems MP2229 Datasheet HTML 12Page - Monolithic Power Systems MP2229 Datasheet HTML 13Page - Monolithic Power Systems MP2229 Datasheet HTML 14Page - Monolithic Power Systems MP2229 Datasheet HTML 15Page - Monolithic Power Systems MP2229 Datasheet HTML 16Page - Monolithic Power Systems MP2229 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP2229 – 21V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP2229 Rev. 1.0
www.MonolithicPower.com
13
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
internal clock rising edge is synchronized to the
external clock rising edge.
Low-Power Mode (LPM)
The MP2229 has a low-power mode for light
load. Under a heavy-load condition, VCOMP is
higher than VLPM. When the clock goes high, the
HS-FET turns on and remains on until VILsense
reaches the value set by the COMP voltage.
The internal clock re-sets every time VCOMP is
higher than VLPM.
Under a light-load condition, the value of VCOMP
becomes low. When VCOMP is less than VLPM,
and VFB is less than VREF, VCOMP ramps up until
it exceeds VLPM. During this time, the internal
clock is blocked. Thus, the MP2229 skips
pulses for pulse frequency modulation (PFM)
mode, achieving the light-load power save (see
Figure 4).
FIGURE 4. Simplified LPM Control Logic
To enable low-power mode, connect LPM to
VCC or to a voltage divider from VCC. When
the external VLPM is higher than 1.2V, the
MP2229 takes the internal VLPM. To disable low-
power mode, connect LPM to ground, and the
converter operates constantly in fixed frequency
CCM.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP2229 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is 4.1V while its
falling threshold is 3.5V.
External Soft-Start (SS)
Connect a capacitor from SS to ground to
adjust the soft-start time. When the soft-start
begins, an internal 10μA current source
charges the external capacitor. The soft-start
capacitor connects to the non-inverting input of
the error amplifier. The soft-start period lasts
until the voltage on the soft-start capacitor
exceeds the 0.6V reference. At this point, the
reference voltage takes over at the non-
inverting error-amplifier input. The soft-start
time can be calculated as follows:
SS
SS
0.6V C (nF)
t(ms)
10 A
×
=
μ
Pre-Bias Start-Up
The MP2229 has been designed for a
monotonic start-up into pre-biased loads. If the
output is pre-biased to a certain voltage during
start-up, the BST voltage is charged by VIN. If
BST voltage exceeds its rising threshold
voltage, then the soft-start capacitor is charged.
When the soft-start capacitor voltage exceeds
the sensed output voltage at FB, the part starts
to operate normally.
Over-Current Protection (OCP)
The MP2229 has a cycle-by-cycle over-current
limit, which limits the inductor current in case of
an output over load or short circuit. If the over
load or short circuit lasts for an extended period,
the FB voltage can drop below the under-
voltage (UV) threshold (40% of the reference,
typically). Once a UV is triggered, the MP2229
enters hiccup mode to re-start the part
periodically. This protection mode is useful
when the output is dead-shorted to ground. The
average short-circuit current is reduced greatly
to alleviate thermal issues and protect the
regulator. The MP2229 exits hiccup mode once
the over-current condition is removed.
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the die temperature reaches 150°C, it
shuts down the whole chip. When the
temperature falls below its lower threshold
(120°C, typically), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.03V with a
hysteresis of 200mV. The bootstrap capacitor
voltage is regulated internally by VIN through D1,
M1, R5, C5, L1, and C2 (see Figure 5). If (VIN-
VSW) exceeds 5V, U1 regulates M1 to maintain
a 5V BST voltage across C5. A 10Ω resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com