Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR072E Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR072E
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR072E Datasheet(HTML) 2 Page - Leshan Radio Company

  LR072E Datasheet HTML 1Page - Leshan Radio Company LR072E Datasheet HTML 2Page - Leshan Radio Company LR072E Datasheet HTML 3Page - Leshan Radio Company LR072E Datasheet HTML 4Page - Leshan Radio Company LR072E Datasheet HTML 5Page - Leshan Radio Company LR072E Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Characteristic
Symbol
Value
Unit
Supply Voltage-note1
Vcc
±18
V
Input Voltage-note2
Vi
±15
V
Differential Input Voltage
–note3
Vi(diff)
±30
V
Power Dissipation
Pd
680
mW
Output Short-Circuit Duration- note4
Infinite
Operating Free-air Temperature
Topr
0 to +70
C
Storage Temperature Range
Tstg
-65 to 150
C
1. All voltage values,except differential voltage ,are with respect to zero reference level (ground) of the supply
voltages where the zero reference level is the midpoint between Vcc+ and Vcc-.
2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15
volts,whichever is less .
3. Differential voltages are the non-inverting input terminal with respect to the inverting input interminal.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to
ensure that the dissipation rating is not exceeded.
ELECTRICAL CHARACTERISTICS
(Vcc=±15V,Ta=+25
C,unless otherwise specified)
Characteristic
Symbol
Test Condition
Min Typ. Max Unit
Input Offset Voltage
(Rs=50Ω)
VIO
Ta=+25
C
Tmin
≤Ta≤Tmax
3
10
13
mV
Input Offset Voltage drift
DVIO
10
μF/
C
Input Offset Current (Note 1)
IIO
Ta=+25
C
Tmin
≤Ta≤Tmax
5
100
10
pA
nA
Input Bias Current (Note 1)
IBIAS
Ta=+25
C
Tmin
≤Ta≤Tmax
20
200
20
pA
nA
Large Signal Voltage Gain
GV
Ta=+25
C
25
200
V/mV
(RL=2KΩ,V0=±10V)
Tmin
≤Ta≤Tmax
15
Supply Voltage Rejection Ratio
(Rs=50Ω)
SVR
Ta=+25
C
Tmin
≤Ta≤Tmax
70
70
86
dB
Supply Current,no load,
per amplifier
Icc
Ta=+25
C
Tmin<Ta<Tmax
1.4
2.5
2.5
mV
Input Common-mode Voltage
Range
VI(R)
±11
+15
-12
V
Common-mode rejection Ratio
CMRR
Ta=+25
C
Tmin
≤Ta≤Tmax
70
70
86
dB
LESHAN RADIO COMPANY, LTD.
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com