Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR072E Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR072E
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR072E Datasheet(HTML) 4 Page - Leshan Radio Company

  LR072E Datasheet HTML 1Page - Leshan Radio Company LR072E Datasheet HTML 2Page - Leshan Radio Company LR072E Datasheet HTML 3Page - Leshan Radio Company LR072E Datasheet HTML 4Page - Leshan Radio Company LR072E Datasheet HTML 5Page - Leshan Radio Company LR072E Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PARAMETER MEASUREMENT INFORMATION
1/2
LR072
RL
CL=100pF
eo
-
=2K Ω
ei
Figure 1: Voltage follower
1/2
LR072
RL
CL=100pF
1KΩ
10KΩ
-
ei
eo
Figure 2: Gain-of-10 inverting amplifier
LESHAN RADIO COMPANY, LTD.
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com