Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8406 Datasheet(PDF) 12 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 12 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company LR8406 Datasheet HTML 11Page - Leshan Radio Company LR8406 Datasheet HTML 12Page - Leshan Radio Company LR8406 Datasheet HTML 13Page - Leshan Radio Company LR8406 Datasheet HTML 14Page - Leshan Radio Company LR8406 Datasheet HTML 15Page - Leshan Radio Company LR8406 Datasheet HTML 16Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Efficiency vs Output Current
Figure 9
Figure 10
Minimum Start-Up Voltage vs Output Current
SW Pin Antiringing Operation
Figure 11
Figure 12
SW Pin Fixed Frequency,
Continuous Inductor Current Operation
VOUT Load Transient Response
Figure 13
Figure 14
Load Regulation
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com