Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8406 Datasheet(PDF) 13 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 13 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company LR8406 Datasheet HTML 11Page - Leshan Radio Company LR8406 Datasheet HTML 12Page - Leshan Radio Company LR8406 Datasheet HTML 13Page - Leshan Radio Company LR8406 Datasheet HTML 14Page - Leshan Radio Company LR8406 Datasheet HTML 15Page - Leshan Radio Company LR8406 Datasheet HTML 16Page - Leshan Radio Company LR8406 Datasheet HTML 17Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
APPLICATION
INFORMATION
DESIGN PROCEDURE
The
dc-dc converter is intended for systems powered by a single-cell, up to triple-cell alkaline,
NiCd, NiMH battery with a typical terminal voltage between 0.9V and 4.5V. It can also be used in
systems powered by one-cell Li-ion or Li-polymer with a typical voltage between 2.7V and 4.2V.
Additionally, any other voltage source with a typical output voltage between 0.9 V and 4.5 V can power
systems where the
is used. Due to the nature of boost converters, the output voltage
regulation is only maintained when the input voltage applied is lower than the programmed output
voltage.
Setting The Output Voltage
For the
adjustable output version, the internal 1.23V reference voltage is compared to the
voltage at the FB pin to generate an error signal at the output of the error amplifier. A voltage divider from
VOUT to ground programs the output voltage via FB from 2.5V to 5.5V using the equation:
VOUT=1.23V [1+(R2/R1)]
The use of 1% accuracy metal film resistor is recommended for the better output voltage accuracy. To
minimize the power consumption under light loads, it is desirable to choose large resistance values for
both R1 and R2.
Table1 lists the recommended values for particular output voltage settings.
Table 1. Resistor Selection for VOUT Setting
VOUT
R2( )
R1( )
3.3V
1.02M
604K
5.0V
1.02M
332K
Fixed Output Voltage
The
has two fixed output voltage options: 3.3V and 5V. An internal resistor divider is connected to
the FB pin internally, which eliminates the need for external feedback resistors. When designing with
the fixed output voltage option, remember to leave the FB pin open; otherwise the output voltage
will be affected. However, a feed-forward capacitor can still be added between the FB pin and
VOUT pin to enhance the control loop performance.
Inductor Selection
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com