Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZFSWA2R-63DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZFSWA2R-63DR
Description  SPDT RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSWA2R-63DR Datasheet(HTML) 1 Page - Mini-Circuits

  ZFSWA2R-63DR Datasheet HTML 1Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 2Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 3Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 4Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 5
The Big Deal
Product Overview
The ZFSWA2R-63DR+ is a great general purpose SPDT solid state absorptive RF switch. With its broad
frequency range, fast 35 ns switching time and excellent RF performance, the ZFSWA2R-63DR+ is an excel-
lent choice for many applications. In addition to it’s versatility within system block diagrams, the ZFSWA2R-
63DR+ is designed for easy integration into your prototype design applications.
Feature
Advantages
Designed for any environment
The ZFSWA2R-63DR+ is equipped with MMIC internal device with a wide operating temperature range
(-55°C to 100°C). Suitable for many environments and applications the ZFSWA2R-63DR+ offers excel-
lent performance and value.
Integrated CMOS Driver
-Operates from 3-5V
-Low control current 5 µA allows compatibility with a variety of driver circuits
-Internal Decoupling
-Fast 35 ns Switching time
Excellent for a Variety of Applications
From Bench to Integrated Systems
-High speed testers
-Automated switching networks
-Wireless Infrastructure
-Military
Excellent RF Performance
-Wide bandwidth: 500 to 6000 MHz
-Low Insertion Loss: 1.4 dB Typ
-High Isolation: 65 dB Typ @ 1 GHz
Key Features
• Wide bandwidth 500 to 6000 MHz
• Very high isolation, 65 dB at 1GHz
• Very fast switching, 35ns
ZFSWA2R-63DR+
SPDT RF Switch
Coaxial
CASE STYLE: ZZ1322
50
Ω
500-6000 MHz
Note: This model is same as ZFSWA2-63DR+ except RF1 and RF2 ports are interchanged.


Similar Part No. - ZFSWA2R-63DR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSWA2-63DR+ MINI-ZFSWA2-63DR+ Datasheet
198Kb / 1P
Absorptive SPDT Solid State RF Switch
More results

Similar Description - ZFSWA2R-63DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4266 NSC-LH4266 Datasheet
148Kb / 8P
SPDT RF Switch
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
SPDT RF SWITCH
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
SPDT RF Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com