Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZFSWA2R-63DR Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZFSWA2R-63DR
Description  SPDT RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSWA2R-63DR Datasheet(HTML) 2 Page - Mini-Circuits

  ZFSWA2R-63DR Datasheet HTML 1Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 2Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 3Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 4Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 5
SPDT RF Switch
Coaxial
ZFSWA2R-63DR+
Absorptive RF Switch with Internal Driver
Single Supply Voltage, +3V to +5V
Product Features
• Wide bandwidth, 500 to 6000 MHz
• High Isolation, 65 dB typ. at 1 GHz
• Low Insertion loss, 1.4 dB typ.
• Internal CMOS driver
• Fast switching, Rise/fall time, 25 ns typ.
• Wide operating temperature, -55°C to 100°C
Typical Applications
• Cellular
• ISM, WCDMA, WIMAX
• PCN
• Automated switching networks
• Military
General Description
The ZFSWA2R-63DR+ is a 50
Ω high isolation, absorptive SPDT RF switch designed for wireless applications,
covering a broad frequency range from 500 to 6000 MHz with low insertion loss. The ZFSWA2R-63DR+ operates
on a single supply voltage in the range of +3V to +5V. This unit includes an internal CMOS driver. The ZFSWA2R-
63DR+ switch comes with a internal MMIC device for tough environments.
Schematic and Application Circuit
REV. OR
M156370
ZFSWA2R-63DR+
RS/TH/CP
160517
Internal CMOS Driver
RF COMMON
RF1
Cblock
Cblock
RF
Section
Cblock
RF2
Control
VDD
CASE STYLE: ZZ1322
Connectors
Model
SMA
ZFSWA2R-63DR+
BRACKET (OPTION “B”)
50
Ω 500-6000 MHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com