Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400DMQ Datasheet(PDF) 1 Page - International Rectifier

Part # 400DMQ
Description  The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

400DMQ Datasheet(HTML) 1 Page - International Rectifier

  400DMQ Datasheet HTML 1Page - International Rectifier 400DMQ Datasheet HTML 2Page - International Rectifier 400DMQ Datasheet HTML 3Page - International Rectifier 400DMQ Datasheet HTML 4Page - International Rectifier 400DMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV)
Rectangular
400
A
waveform
V
RRM
range
35 to 45
V
I
FSM
@ tp = 5 µs sine
29,000
A
V
F
@200Apk,T
J
=125°C
0.52
V
(per leg)
T
J
range
-55to150
°C
Characteristics
400DMQ... Units
Major Ratings and Characteristics
Description/ Features
The 400DMQ high current, Schottky rectifier doubler module
series has been optimized for very low forward voltage drop,
with moderate leakage. The proprietary barrier technology
allows for reliable operation up to 150 °C junction temperature.
Typical applications are in switching power supplies, convert-
ers, free-wheeling diodes, welding, and reverse battery
protection.
150 °C T
J
operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
400 Amp
400DMQ... SERIES
1
Bulletin PD-20736 rev. B 10/02
TO-244AB
isolated doubler
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
1
2
3
www.irf.com


Similar Part No. - 400DMQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
400DMQ035 IRF-400DMQ035 Datasheet
67Kb / 5P
SCHOTTKY RECTIFIER
400DMQ040 IRF-400DMQ040 Datasheet
67Kb / 5P
SCHOTTKY RECTIFIER
400DMQ045 IRF-400DMQ045 Datasheet
67Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - 400DMQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
163CNQ100 IRF-163CNQ100 Datasheet
120Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CMQ IRF-203CMQ Datasheet
147Kb / 5P
The 203CMQ high current Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203DMQ IRF-203DMQ Datasheet
119Kb / 5P
The 203DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
203DNQ IRF-203DNQ Datasheet
74Kb / 5P
The 203DNQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
409DMQ IRF-409DMQ Datasheet
72Kb / 5P
The 409DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
STPS30L60CW IRF-STPS30L60CW Datasheet
221Kb / 7P
The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com