Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXA603-R33M Datasheet(PDF) 1 Page - Allied Components International

Part # PCXA603-R33M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA603-R33M Datasheet(HTML) 1 Page - Allied Components International

  PCXA603-R33M Datasheet HTML 1Page - Allied Components International PCXA603-R33M Datasheet HTML 2Page - Allied Components International PCXA603-R33M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded High Current Power Choke
PCXA603
15
DCR
(mΩ)
Typ.@25°C
Isat (A)
Allied
Part
Number
Inductance
(µH)
±20% @ 0A
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
04/13/2017
Irms (A) Typ
Features
• High Operating Temperature Range
• High Efficiency
Electrical
Inductance Range: 0.18µH to 4.5µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
DCR: CH16502, Agilent 33420A Mirco-
Ohmmeter
Pre-Heat: 150ºC, 1 minute.
Solder Composition: Sn96.5% / Ag3% /
Cu0.5%
Solder Temp: 245ºC ± 5ºC
Immersion Time: 4 sec. ± 1 sec.
Depth: Completely cover the termination
Physical
Packaging: 1000 pieces per 13 inch reel.
Marking: EIA Inductance Code/ Date Code
Resistance to Soldering Heat
Irms: Current at which
T=40ºC temp rise without core loss.
Isat: Current at which Inductance drop
is appoximately 30%. The part
temperature (ambient + temp rise) should
not exceed 125°C under worst case
operating conditions.
Test Frequency: 100KHz, 0.1V
• Low DCR
• Suitable for pick and place
T=20ºC and
1.60
2.25
3.00
5.50
6.70
9.20
11.0
18.8
23.0
40.0
32.0
29.0
23.0
22.0
18.2
15.9
12.2
10.0
24
20
17
13
12
10
7.0
6.0
5.0
• Very low acoustic noise and very
low leakage flux noise.
PAGE 1 OF 3
DCR
(mΩ)
Max@25°C
1.75
2.50
3.31
6.05
7.40
10.2
12.2
20.8
25.3
• High Current with Soft Saturation
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260/ 10s max.)
20°C
Rise
40°C
Rise
32
25
22
18
16
14
10
8.0
7.0
Typ Max
36.0
28.0
25.0
18.0
16.0
13.0
11.0
9.00
8.00
Dim C
Inch/mm
(±.008/.2)
Dim D
Inch/mm
(±.012/.3)
.11/2.8
.11/2.8
.11/2.8
.11/2.8
.11/2.8
.114/2.9
.114/2.9
.114/2.9
.114/2.9
.209/5.30
.219/5.55
.209/5.30
.205/5.20
.203/5.15
.201/5.10
.199/5.05
.197/5.00
.197/5.00
MSL: Level 1
Dimensions: Inches
(mm)
H
B
C
E
F
A
 
D
Recommend PCB Layout
L
G
H
A
B
C
D
E
F
1R0
YYWW
.252±.008
(6.4±0.2)
.260±.008
(6.6±0.2)
See Table
Below
.055±.008
(1.4±0.2)
.102±.010
(2.6±0.25)
.220
(5.6) Ref
.010
(2.5) Ref
.220
(5.6) Ref
See Table
Below
PCXA603-R18M
PCXA603-R33M
PCXA603-R56M
PCXA603-1R0M
PCXA603-1R2M
PCXA603-1R8M
PCXA603-2R2M
PCXA603-3R3M
PCXA603-4R5M
0.18
0.33
0.56
1.00
1.20
1.80
2.20
3.30
4.50


Similar Part No. - PCXA603-R33M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCXA402 ALLIED-PCXA402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA402-1R0M ALLIED-PCXA402-1R0M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA402-1R2M ALLIED-PCXA402-1R2M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA402-1R5M ALLIED-PCXA402-1R5M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA402-1R8M ALLIED-PCXA402-1R8M Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results

Similar Description - PCXA603-R33M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
PCXA402 ALLIED-PCXA402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA502 ALLIED-PCXA502 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503 ALLIED-PCXA503 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXLR402 ALLIED-PCXLR402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com