Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXA603-R33M Datasheet(PDF) 2 Page - Allied Components International

Part # PCXA603-R33M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA603-R33M Datasheet(HTML) 2 Page - Allied Components International

  PCXA603-R33M Datasheet HTML 1Page - Allied Components International PCXA603-R33M Datasheet HTML 2Page - Allied Components International PCXA603-R33M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded High Current Power Choke
PCXA603
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/13/2017
PAGE 2 OF 3
Typical Performance Curves
0
9
18
27
36
45
DC CURRENT(A)
0
0.06
0.12
0.18
0.24
0.3
0
12
24
36
48
60
PCXA603-R18
0
7
14
21
28
35
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
PCXA603-R33
0
7
14
21
28
35
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
16
32
48
64
80
PCXA603-R56
0
5.2
10.4
15.6
20.8
26
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
1.5
0
14
28
42
56
70
PCXA603-1R0
0
5
10
15
20
25
DC CURRENT(A)
0
0.36
0.72
1.08
1.44
1.8
0
16
32
48
64
80
PCXA603-1R2
0
4
8
12
16
20
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
16
32
48
64
80
PCXA603-1R8
0
3.4
6.8
10.2
13.6
17
DC CURRENT(A)
0
0.7
1.4
2.1
2.8
3.5
0
16
32
48
64
80
PCXA603-2R2
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
1
2
3
4
5
0
16
32
48
64
80
PCXA603-3R3
0
2.4
4.8
7.2
9.6
12
DC CURRENT(A)
0
1.4
2.8
4.2
5.6
7
0
16
32
48
64
80
PCXA603-4R5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com