Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP92265 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP92265
Description  18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92265 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP92265 Datasheet HTML 8Page - Monolithic Power Systems MP92265 Datasheet HTML 9Page - Monolithic Power Systems MP92265 Datasheet HTML 10Page - Monolithic Power Systems MP92265 Datasheet HTML 11Page - Monolithic Power Systems MP92265 Datasheet HTML 12Page - Monolithic Power Systems MP92265 Datasheet HTML 13Page - Monolithic Power Systems MP92265 Datasheet HTML 14Page - Monolithic Power Systems MP92265 Datasheet HTML 15Page - Monolithic Power Systems MP92265 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP92265
– 18V, 5A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92265 Rev. 1.0
www.MonolithicPower.com
12
11/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application on page 1).
The feedback resistor (R1) sets the feedback
loop bandwidth with the internal compensation
capacitor. Choose a value for R1 first, and then
calculate R2 with Equation (2):
OUT
R1
R2
V
1
0.6V
(2)
The feedback network is highly recommended
(see Figure 4).
R1
R2
VOUT
FB
8
Figure 4: Feedback Network
Table
1
lists
recommended
resistor
and
capacitor values for common output voltages.
Table 1: Component Selection for Common
Output Voltages (7)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
120
180
1.2
120
120
1.35
100
80.6
1.5
80.6
53.6
1.8
80.6
40.2
2.5
80.6
25.5
3.3
40.2
8.87
5
40.2
5.49
NOTE:
7)
The recommended parameters are based on a 500kHz
switching
frequency.
Different
output
inductors
and
capacitors can affect the recommended values of R1 and R2.
For the other components’ parameters, please refer to the
Typical Application Circuits on page 15.
Selecting the Inductor
Use a 1µH to 10µH inductor with a DC current
rating at least 25% higher than the maximum
load current for most applications.
For the highest efficiency, use an inductor with
a DC res
istance less than 15mΩ. For most
designs, the inductance value can be derived
from Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(3)
Where
∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30%
of the maximum
load
current. The maximum inductor peak current
can then be calculated with Equation (4):
2
I
I
I
L
LOAD
)
MAX
(
L
(4)
Use a larger inductor for improved efficiency
under light-load conditions below 100mA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are recommended for best
results because of their low ESR and small
temperature coefficients. For most applications,
use a 22µF capacitor.
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated with Equation (5):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (6):
2
I
I
LOAD
1
C
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com