Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP92265 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP92265
Description  18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92265 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP92265 Datasheet HTML 8Page - Monolithic Power Systems MP92265 Datasheet HTML 9Page - Monolithic Power Systems MP92265 Datasheet HTML 10Page - Monolithic Power Systems MP92265 Datasheet HTML 11Page - Monolithic Power Systems MP92265 Datasheet HTML 12Page - Monolithic Power Systems MP92265 Datasheet HTML 13Page - Monolithic Power Systems MP92265 Datasheet HTML 14Page - Monolithic Power Systems MP92265 Datasheet HTML 15Page - Monolithic Power Systems MP92265 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP92265
– 18V, 5A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92265 Rev. 1.0
www.MonolithicPower.com
13
11/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high-quality ceramic
capacitor (e.g.:
0.1μF) as close to the IC as
possible.
When
using
ceramic
capacitors,
ensure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple caused by the capacitance can be
estimated with Equation (7):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(7)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (8):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
(8)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (9):
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

(9)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (10):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


(10)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP92265 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
The BST voltage may become insufficient in
some particular conditions. In these cases, an
external bootstrap diode can enhance the
efficiency of the regulator and help prevent
output
ripple
caused
by
BST
voltage
insufficiency during PFM operation at light load.
For better efficiency, a diode is needed if the
following condition occurs :
Duty cycle is large: Duty =
IN
OUT
V
V
> 75%
To avoid ripple caused by a BST refresh, a
diode is needed if the following condition
occurs:
VIN - VOUT < 2.6V
In these cases, it is recommended to add an
external BST diode from VCC to BST (see
Figure 5).
Figure 5: Optional External Bootstrap Diode
The recommended external BST diode is
IN4148, and the recommended BST capacitor
value is 0.1µF to 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com