Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2143HGD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2143HGD
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2143HGD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2143HGD Datasheet HTML 1Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 2Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 3Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 4Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 5Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 6Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 7Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 8Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MPQ2143H
– 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MPQ2143H Rev. 1.0
www.MonolithicPower.com
3
8/12/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN .........................................6V
VSW…………………………
-0.3V (-5V for <10ns) to VIN+0.3V (8V for <10ns)
All Other Pins................................ -0.3V to +6 V
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Continuous Power Dissipation (TA = 25°C)
(2)
……….….. .................................................1.9W
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ......................... 2.5V to 5.5V
Output Voltage VOUT.................0.6V to VIN -0.5V
Operating Junction Temp. (TJ). -40°C to +150°C
Thermal Resistance
(4)
θJA
θJC
QFN-10 (2mmx3mm) ............. 65 ...... 13... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
device will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com