Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2143HGD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ2143HGD
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2143HGD Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ2143HGD Datasheet HTML 5Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 6Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 7Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 8Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 9Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 10Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 11Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 12Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MPQ2143H
– 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MPQ2143H Rev. 1.0
www.MonolithicPower.com
9
8/12/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN-10
Pin #
Name
Description
1
EN
On/Off Control
2
FB
Feedback pin. Connect an external resistor divider from the output to GND to set the
output voltage.
3
AGND
Analog ground. Reference for the internal control circuit.
4
OUT
Input Sense. For output voltage feedback.
5
NC
Not Connected. It can be floated or connected to PGND for thermal.
6, 7
PGND
Power Ground
8
SW
Switch Output
9
VIN
Supply Voltage. The MPQ2143H operates from a 2.5V-to-5.5V unregulated input. C1
prevents large voltage spikes from appearing at the input.
10
PG
Power-Good Indicator. The pin output is an open drain that connects to VIN by an internal
pull-up resistor. PG is pulled up to VIN when the FB voltage is within 10% of the regulation
level. If FB voltage is out of that regulation range, it is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com