Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLCF-II-S Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ADLCF-II-S
Description  PC/104-Plus
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLCF-II-S Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ADLCF-II-S Datasheet HTML 1Page - ADL Embedded Solutions ADLCF-II-S Datasheet HTML 2Page - ADL Embedded Solutions ADLCF-II-S Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ADLL8XPC PC/104-Plus
AMD Geode™ LX800
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
ITEM CODE
PART #
DESCRIPTION
PCI/104-Plus Board
ADLLX8PC-F0
292035
LX800 16-Bit ISA PC/104-Plus No Flash
ADLLX8PC-F2
292033
LX800 16-Bit ISA PC/104-Plus w/2GB Flash
ADLLX8PC-F4
292036
LX800 16-Bit ISA PC/104-Plus w/4GB Flash
ADLLX8PC-F8
292037
LX800 16-Bit ISA PC/104-Plus w/8GB Flash
Cooling Options
ADLTS1LX
292055
Heat Sink, passive
ADLTS2LX
292056
Heat Spreader, .6”
ADLTS3LX
292057
Heat Spreader, 1”
ADLTS4LX-HS
292059
Passive Heat Sink, .6”
ADLTS4LX-FS
292060
Active Heat Sink, .6”
Standard Memory Options
DDR-DRAM128-3
994715
DDR-333MHz 128MB Standard Temperature
DDR-DRAM256-3LX
994826
DDR-333MHz 256MB Standard Temperature
DDR2-DDR-DRAM512-3LX
994926
DDR-333MHz 512MB Standard Temperature
DDR-DRAM1024-3LX
994024
DDR-333MHz 1GB Standard Temperature
Extended Temp. Memory Options
DDR-DRAM256-3-EX
994829
DDR-333MHz 256MB Extended Temperature
DDR-DRAM512-3-EX
994929
DDR-333MHz 512MB Extended Temperature
DDR-DRAM1024-3-EX
994029
DDR-333MHz 1GB Extended Temperature
Accessories and Options
ADL855PC-CK
293045
Dev. Cable Kit, or ADL855/LX8PC
ADLCF-II-S
989010
Compact Flash to IDE Type II Single
ADLCF-II-D
989020
Compact Flash to IDE Type II Dual
ADLPS104CF
293017
PC/104+ Pwr Supply, +7-28VDC IN, 5VDC OUT
Other options may be available
*Data subject to change without notice.
ORDERING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com