Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLCF-II-S Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLCF-II-S
Description  PC/104-Plus
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLCF-II-S Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLCF-II-S Datasheet HTML 1Page - ADL Embedded Solutions ADLCF-II-S Datasheet HTML 2Page - ADL Embedded Solutions ADLCF-II-S Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADLL8XPC PC/104-Plus
AMD Geode™ LX800
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLLX8PC is based on the AMD Geode™ LX800
embedded processor, with clock speed of 500MHz. It
incorporates the full functionality of much larger boards into
the compact and expandable form factor of PC/104-Plus. At
just 96mm x 90mm in size with a processor power load as
little as 0.9W, the ADLLX8PC is ideal for space con-strained
rugged, mobile and remote applications.
The graphics controller is integrated into the AMD Geode™
chipset and can drive either a CRT though the VGA port or
LCD by way of an 18-bit LVDS interface. Up to 1GB of DDR-
400 SDRAM can be installed into the SoDIMM200 socket.
The ADLLX8PC power management incorporates ACPI/APM
functions. The standard ADLLX8PC also incorporates PCI 2.2
Bus, EIDE, 4xUSB 2.0, 2xRS232 COM ports, PS/2 Keyboard
FEATURES
• AMD Geode™ LX800
• 500MHz
• Power Management (ACPI 2.0 &
APM 1.2)
• SoDIMM200 up to 1GB DDR-400
• Optional On-Board SSD Flash Up
To 8GB
• Built In Geode LX800 @ 0.9W
• CRT/LCD On-Board
• 10/100 Base-T LAN-Ethernet
*Data subject to change without notice.
and Mouse, parallel Printer, AC97 compatible sound with
SPDif In/Out, 10/100MBit LAN and more. Optionally, the
ADLLX8PC may be equipped with built-in SSD flash. This
option will dramatically reduce the overall system footprint by
providing a means of full system operation without the need
for any type of external media connection. The ADLLX8PC
meets all PC/104-Plus electrical specifications, so it can
be “dropped-in” to any compliant system without changes.
With its fast processor and its low power consumption, the
ADLLX8PC is ideal for embedded semi-custom solutions.
Contact sales for more information about this product or other
products in ADL's line of embedded SBCs.
APPLICATIONS
This PC/104 Plus form factor features stacking connectors for both ISA and
PCI expansion bus protocols. Military and rugged industrial applications make
use of both the PCI and ISA busses and ADL Embedded Solutions continues
to support these applications using both PCI and ISA busses.
• 4x USB V2.0 Ports
• EIDE Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• Windows 7, Windows 8, Linux
Compatible
• AC97 Sound Interface (in & out)
• Single 5VDC Power Supply
• PC/104-Plus BUS Connector
DESCRIPTION


Similar Part No. - ADLCF-II-S

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLCF-II-S ADL-ADLCF-II-S Datasheet
224Kb / 2P
Compact Flash
More results

Similar Description - ADLCF-II-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
PC/104-Plus PCMCIA Module
logo
Advantech Co., Ltd.
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
logo
List of Unclassifed Man...
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
PC/104-Plus Video Expansion Module
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
PC/104-Plus Video Expansion Module
VL-EPM-15S ETC2-VL-EPM-15S Datasheet
712Kb / 2P
PC/104-Plus Single Board Computer
VL-EPM-24SU ETC2-VL-EPM-24SU Datasheet
690Kb / 2P
PC/104 -Plus Single Board Computer
VL-EPM-16V ETC2-VL-EPM-16V Datasheet
656Kb / 2P
PC/104-Plus Single Board Computer
logo
Samtec, Inc
ESQT-117-03-L-D-310 SAMTEC-ESQT-117-03-L-D-310 Datasheet
1Mb / 1P
PC/104-PLUS??SELF-NESTING SOCKETS
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
PC-104 Plus Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com