Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL-LP1 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL-LP1
Description  Edge-Connect Architecture
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL-LP1 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL-LP1 Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADLSEC-1710 L-Peripheral
Edge-Connect Architecture
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200 (toll free)
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
Data subject to change without notice.
The ADLSEC-1710 board is designed for convenient expansion of the
ADLE3800SEC Bay Trail Atom SBC via its edge-connect architecture.
The ADLE3800SEC plus ADLSEC-1710 L-peripheral combined provide a
complete 3.5” SBC solution with a host of expanded features including M.2
PCIe, SATA, DVI/DP/HDMI or USB3.0, UPS option, and more.
As part of a customer product portfolio, the ADLE3800SEC and
ADLSEC-1710 allows for a single processor, BIOS, firmware, and customer
software across products from small, compact ADLE3800SEC solutions to
more complex 3.5” sized solutions.
For further information, please contact our sales engineering team: sales@
adl-usa.com or sales@adl-europe.com
TECHNICAL SPECIFICATIONS
ORDERING INFORMATION
ITEM CODE
PART #
DESCRIPTION
ADLSEC-1710
3.5” SBC-Sized Expansion board
for ADLSEC SBCs.
ADLSEC-UPS50
50 mWh UPS Battery Option; -40C
to 65C.
ADL-LP1
Front LED: Snap-on Panel Indicator.
ADL-LP2
Rear LED: Long,flexible light-guide
for Front Panel Indicator.
Shown: ADLSEC-1710 with ADLE3800SEC CPU and UPS Option.
ADLSEC-1710
FEATURES
FUNCTIONS
Dimensions
3.5” SBC Footprint: 145mm x 102mm
(5.7” x 4.0”)
Operating Temperature
-40C to 85C
PCIe Expansion
Two PCIe X1 M.2 Key B Sockets with USB2.0:
2280 and 2260. No SATA.
UPS Option
50 mWh UPS Battery module; -40C to 65C
Estimated Capacitor Lifetime = 10yr@25C or
1500hr@65C.**
IPEX Connector
1x Displayport or HDMI or DVI or USB 3.0*
SATA
1x SATA II (3 Gb/s)
GPIO
16 bit GPIO; PCA9535BS Controller; Non-Interrupt
Power
Vin = 20V to 30V with Power Reset Button
Battery
3V Circular CR2032 Socket
LED
1x Front CPU Status
1x Rear Power Status
1x Rear UPS Status
3x Rear Programmable LEDs
Note: LED light-pipe options for front panel indica-
tion available for both front and rear LEDs.
DESCRIPTION
*Not available on all mating SBCs.
**Highly dependent on temperature and charge/discharge cycles.


Similar Part No. - ADL-LP1

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-52051SM ROITHNER-ADL-52051SM Datasheet
493Kb / 3P
Green APC Laser Diode
10/2023
ADL-52051SW ROITHNER-ADL-52051SW Datasheet
504Kb / 3P
Green APC Laser Diode
10/2023
ADL-52101SM ROITHNER-ADL-52101SM Datasheet
490Kb / 3P
Green APC Laser Diode
10/2023
ADL-52101SW ROITHNER-ADL-52101SW Datasheet
545Kb / 3P
Green APC Laser Diode
10/2023
ADL-52151SM ROITHNER-ADL-52151SM Datasheet
488Kb / 3P
Green APC Laser Diode
10/2023
More results

Similar Description - ADL-LP1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
The ispXPGA architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
logo
YAMAHA CORPORATION
YGV641 YAMAHA-YGV641 Datasheet
2Mb / 2P
Cutting-edge GDC with Sprite Architecture
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
Advanced RISC Architecture
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
Low Power Architecture
logo
ADL Embedded Solutions
ADLE3800SEC ADL-ADLE3800SEC Datasheet
114Kb / 1P
Edge-Connect Architecture
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
Leading-edge architecture with Cortex-M3 core
12-Dec-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com