Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLCXP-1660 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLCXP-1660
Description  Rugged SFF Vision Board Solution
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLCXP-1660 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLCXP-1660 Datasheet HTML 1Page - ADL Embedded Solutions ADLCXP-1660 Datasheet HTML 2Page - ADL Embedded Solutions ADLCXP-1660 Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADLVIS-1660 2-CH CoaXPress
Rugged SFF Vision Board Solution
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLVIS-1660
FEATURE
FUNCTION
REMARKS
Interface Features
Connectors
• 2x CXP-6 DIN 1.0/2.3 female connectors
• System I/O: 26p D-sub connector
• Camera Power Input: 4p 0.1 in Molex KK 7478 male
• C2C Link: 2x3 6p 0.1 in header
Lamp Indicators
• ‘A’ ‘B’ HOST LEDS: 2x bi-color red/green
• FPGA Status LED: bi-color red/green
• Board Status LED: bi-color red/green
Interface Standards
• CoaXPress 1.0 and 1.1
Aggregated Camera Data Transfer Rate
• 12.5 Gbits/s (1250MB/s) Maximum
• Power Over CoaXPress
PoCXP Safe Power
• 17W of 24VDC regulated power per CoaXPress port
• PoCXP device detection and automatic power-on
• Overload and short-circuit protections
24V Power Input
• Connects to Auxiliar Power input on CoaXpress module
• Camera Support
Types
• Area-Scan Cameras:
• Gray-scale and color (RGB and Bayer CFA)
• Single-tap (1x-1Y) progressive scan
Pixel Formats Supported
• Raw, Monochrome, Bayer, RGB, and RGBA (PFNC names):
• Raw
• Mono8, Mono10, Mono12, Mono14, Mono16
• BayerXX8, BayerXX10, BayerXX12, BayerXX14, BayerXX16 where XX=GR, RG, GB, or BG
• RGB8, RGB10, RGB12, RGB14, RGBA16
Area Scan Camera Control
• External hardware trigger with optional delay and trigger decimation
• Accurate control of strobe position with support for early/late strobe pulses
GPIO (General Purpose Input/Output
10 I/O Lines
• 2x differential inputs (DIN)
• 2x single-ended TTL I/O (TTLIO)
• 4x Isolated Inputs (IIN)
• 2x Isolated Outputs (IOUT)
Usage
• Any I/O input line can be used by any LIN tool of the I/O Toolbox
• I/O input lines can be used by any QDC tool in I/O toolbox to decode A/B signals of a motion encoder
• LIN and QDC tool outputs can be further processed by other tools (DIV, MDV, DEL) to generate trigger events such as:
cycle trigger, cycle sequence trigger, start-of-scan trigger and end-of-scan trigger.
*Data subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com