Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLCXP-1660 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLCXP-1660
Description  Rugged SFF Vision Board Solution
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLCXP-1660 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLCXP-1660 Datasheet HTML 1Page - ADL Embedded Solutions ADLCXP-1660 Datasheet HTML 2Page - ADL Embedded Solutions ADLCXP-1660 Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADLVIS-1660 2-CH CoaXPress
Rugged SFF Vision Board Solution
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
*Data subject to change without notice.
APPLICATIONS
• Hyperspectral Imaging
• Traffic Surveillance
• Security Monitoring and Control
• Unmanned Systems - High-Resolution Image/Video Capture
• High-Speed Automated Optical Inspection
• Very High-Resolution Line-Scan Image Acquisition
• Military and Defense ISR
• High Frame-Rate Motion Analysis and Recording
FEATURES
• Dual CoaXPress CXP-6 Ports
• Quad Intel Core i7-4700EQ, 8GB DDR3
• Rugged, Small Form Factor PCIe/104 Design (96mm x 115mm)
• 1,250 MB/s Camera Bandwidth
• 2x CXP-6 DIN 1.0/2.3 Female Connectors
• PoCXP Safe Power: 17W from Regulated 24VDC Output Per Port
• Breakout 26-pin D-sub CXP System I/O with 12V Out
• GENICAM Compliant
• Euresys Memento Event Logging Tool
• Expandable to 2x Dual-Port CXP-6 Modules
• LEDs: A/B Status, FPGA Status, Board Status
• C2C Link for Card to Card Link
• -20C to +70C Operation; Optional -40C to +85C
• BOM Includes: CPU, 1x CoaXPress Module, 2x DIN cables
The ADLVIS-1660 Dual CXP-6 is a rugged, small form factor
(SFF) CoaXPress solution intended for military and industrial
applications. It’s a two-board PCIe/104 solution featuring a
Quad Intel i7-4700EQ processor with a dual CXP-6 module
using the x16 PCIe/104 bus resulting is a stunning 1,250
MB/s effective camera bandwidth.
The ADLVIS-1660 features include small outline coaxial
cabling for DIN1.0/2.3 connectors optimized for SFF design.
It supports PoCXP, is GENICAM compliant and includes
Euresys Memento event logging for efficient application
software development. A second CXP-6 module can easily
be added to support four 1xCXP-6 cameras or two 2xCXP-6
cameras.
The ADLVIS-1660 targets rugged, Small Form Factor
high-performance vision solutions in a host of military and
industrial environments. It enables very high-definition
applications as well as high-framerate applications in less
than ideal environments for security and surveillance, traffic
management, science, machine vision and a vast range of
next-generation vision products.
DESCRIPTION


Similar Part No. - ADLCXP-1660

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
Compact Flash
ADLCF-II-D ADL-ADLCF-II-D Datasheet
278Kb / 3P
PC/104-Plus
ADLCF-II-D ADL-ADLCF-II-D Datasheet
224Kb / 2P
Compact Flash
ADLCF-II-S ADL-ADLCF-II-S Datasheet
278Kb / 3P
PC/104-Plus
ADLCF-II-S ADL-ADLCF-II-S Datasheet
224Kb / 2P
Compact Flash
More results

Similar Description - ADLCXP-1660

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SCT7650EX 3M-SCT7650EX Datasheet
107Kb / 2P
Rugged Solution for Impact Strength and User Safety
logo
Red Lion Controls. Inc
6HBWDOG1 REDLION-6HBWDOG1 Datasheet
781Kb / 2P
Rugged Hardware-Based Solution for Fail-Safe Shutdown
logo
SICK AG
I2D-303C SICK-I2D-303C Datasheet
423Kb / 7P
2D VISION
I2D-304C SICK-I2D-304C Datasheet
416Kb / 7P
2D VISION
I2D-304M SICK-I2D-304M Datasheet
417Kb / 7P
2D VISION
logo
Adlink Technology Inc.
CM1-86DX3 ADLINK-CM1-86DX3 Datasheet
231Kb / 4P
Extreme Rugged PC/104 Single Board Computer
CM2-BT2 ADLINK-CM2-BT2 Datasheet
582Kb / 4P
Extreme Rugged Single Board Computer
CM3-BT4 ADLINK-CM3-BT4 Datasheet
551Kb / 4P
Extreme Rugged PCI-104 Single Board Computer
logo
HALO Electronics, Inc.
MD-001HRL HALO-MD-001HRL Datasheet
675Kb / 3P
Complete ?쏰n-Board??Thinnet Solution
logo
Advantech Co., Ltd.
36ASESRPVEFU01 ADVANTECH-36ASESRPVEFU01 Datasheet
481Kb / 2P
Machine Vision Edge Solution Ready Platform
3-Jun-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com