Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS3 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS3
Description  30-4000 MHz SILICON GERMANIUM Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS3 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS3 Datasheet HTML 1Page - BeRex Corporation BGS3 Datasheet HTML 2Page - BeRex Corporation BGS3 Datasheet HTML 3Page - BeRex Corporation BGS3 Datasheet HTML 4Page - BeRex Corporation BGS3 Datasheet HTML 5Page - BeRex Corporation BGS3 Datasheet HTML 6Page - BeRex Corporation BGS3 Datasheet HTML 7Page - BeRex Corporation BGS3 Datasheet HTML 8Page - BeRex Corporation BGS3 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
30-4000 MHz SILICON GERMANIUM Gain Block
BGS3
3
Rev. G
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
S-Parameter
(Vdevice = 3.0V, Icc = 52mA, T = 25 °C, calibrated to device leads, Bias Tee Data)
Typical Performance (Vd = 3.0V, Ic = 52mA, T = 25°C)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
70.00
0.125
-168.1
26.57
169.6
0.033
11.51
0.172
-163.6
900.00
0.17
73.68
19.0
130.4
0.035
28.7
0.181
135.7
1000.00
0.17
68.3
18.4
126.8
0.38
227
0.19
135.5
1500.00
0.156
44.0
14.69
112.6
0.042
31.7
0.218
121.2
2000.00
0.125
35.0
12.1
97.7
0.047
40.2
0.248
109.8
2500.00
0.085
29.1
9.61
93.1
0.056
48.8
0.282
94.1
3500.00
0.075
76.9
8.51
74.8
0.065
56.2
0.328
63.8
4000.00
0.141
93.7
8.18
69.0
0.080
56.9
0.393
50.4
Typical Device Data
S-parameters (Vc=3V, Ic=52mA, T=25°C, Bias Tee Data)
Freq
MHz
30
50
70
900
1900
2140
2450
2650
3500
S21
dB
28.8
28.6
28
25.4
21.6
20.8
20
19.5
18
S11
dB
-13
-16
-17
-17
-17
-18
-20
-22
-14.5
S22
dB
-15
-15
-14
-14
-14
-14
-16
-17
-18.9
P1
dBm
16
16.2
16.7
17.4
16.9
16
16
15.9
14.5
OIP3
dBm
30
31
30.5
30.5
30.5
29
28.5
28.5
27.2
NF
dB
1.9
1.6
1.8
1.7
1.8
1.9
1.9
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com