Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS3 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BGS3
Description  30-4000 MHz SILICON GERMANIUM Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS3 Datasheet(HTML) 5 Page - BeRex Corporation

  BGS3 Datasheet HTML 1Page - BeRex Corporation BGS3 Datasheet HTML 2Page - BeRex Corporation BGS3 Datasheet HTML 3Page - BeRex Corporation BGS3 Datasheet HTML 4Page - BeRex Corporation BGS3 Datasheet HTML 5Page - BeRex Corporation BGS3 Datasheet HTML 6Page - BeRex Corporation BGS3 Datasheet HTML 7Page - BeRex Corporation BGS3 Datasheet HTML 8Page - BeRex Corporation BGS3 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
30-4000 MHz SILICON GERMANIUM Gain Block
BGS3
5
Rev. G
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Performance (Vd = 3.1V, Ic = 65mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
30
S21
dB
28.8
25.8
21.9
21.1
20.2
29.1
19.7
29.8
S11
dB
-15.2
-16.4
-16.3
-17.2
-19.1
-14.6
-19.7
-13
S22
dB
-13.2
-13.9
-15.4
-16
-17.7
-13.6
-19.6
-15.9
P1
dBm
17.7
17.4
16.8
16.1
16.2
17.1
16.4
16.7
OIP3
dBm
31.3
30.7
29.1
28.9
28.3
31.6
28.3
30.3
NF
dB
1.7
1.68
1.81
1.86
1.93
1.62
1.98
1.98
Typical Performance (Vd = 3.2V, Ic = 75mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
30
S21
dB
28.9
25.9
21.9
21.2
20.3
29.2
19.7
29.9
S11
dB
-14.4
-15.8
-16
-17.1
-19.1
-14
-19.6
-12.8
S22
dB
-12.3
-13.5
-15.4
-16
-17.8
-12.7
-19.8
-14.6
P1
dBm
18.4
16.9
16.6
16
16.2
17.8
16.5
17.3
OIP3
dBm
30.3
29.5
28
27.6
26.7
30.5
26.6
29.6
NF
dB
1.73
1.72
1.83
1.9
1.96
1.65
2
2.04
Typical Performance (Vd = 3.3V, Ic = 86mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
30
S21
dB
29
25.9
21.9
21.2
20.3
29.3
19.7
30
S11
dB
-14
-15.5
-16.1
-17
-19
-13.7
-19.4
-12.6
S22
dB
-11.7
-13.1
-15.5
-16.2
-18
-12.1
-20.1
-13.8
P1
dBm
18.6
16.6
16.5
15.8
16.2
18.2
16.4
17.9
OIP3
dBm
29.6
29
27.4
26.7
26
29.8
25.6
28.6
NF
dB
1.76
1.74
1.89
1.93
1.99
1.7
2
2.11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com