Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS4
Description  50-4000 MHz Cascadable InGaP HBT Gain Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS4 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS4 Datasheet HTML 1Page - BeRex Corporation BGS4 Datasheet HTML 2Page - BeRex Corporation BGS4 Datasheet HTML 3Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4
3
Rev. H
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Device Data
S-parameters (Vc=3.3V, Ic=26mA, T=25°C)
S-Parameter
(Vdevice = 3.3V, Icc = 26mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
70.00
0.12
-173.85
12.21
-135.04
0.03
55.80
0.44
-56.12
500.00
0.18
-166.43
12.71
154.64
0.04
46.69
0.11
49.37
900.00
0.24
170.60
9.00
136.41
0.05
62.38
0.06
91.61
1000.00
0.28
168.22
8.46
134.54
0.05
66.84
0.05
89.54
1500.00
0.29
149.21
6.08
126.99
0.07
80.49
0.05
109.83
2000.00
0.25
135.11
4.70
123.57
0.09
92.29
0.11
155.14
2500.00
0.12
156.50
3.76
121.49
0.11
99.74
0.20
150.62
3000.00
0.11
-117.39
3.09
117.36
0.14
103.77
0.31
-171.12
3500.00
0.23
-114.58
2.50
111.71
0.17
103.71
0.34
-153.16
4000.00
0.30
-131.64
1.98
102.77
0.19
101.11
0.33
-128.69



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com