Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS4
Description  50-4000 MHz Cascadable InGaP HBT Gain Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS4 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS4 Datasheet HTML 1Page - BeRex Corporation BGS4 Datasheet HTML 2Page - BeRex Corporation BGS4 Datasheet HTML 3Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4
1
Rev. H
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• This cam be operated at Vc of 3.3V and 4.0V
• Internally matched to 50 ohms
• 30.0 dBm Output IP3 at -3 dBm/tone at 1900MHz
• 14.2 dB Gain at 1900MHz
• 2.1dB Typical N.F
• Highly Reliable InGaP/GaAs HBT Technology
• Lead-free/RoHS-compliant SOT-363 SMT package
BeRex’s BGS4 is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and uses a patented
temperature compensation circuit to pro-
vide stable current over the operating tem-
perature range without the need for exter-
nal components. The BGS4 is designed for
high linearity gain block applications that
require excellent gain flatness. It is packaged
in a RoHS-compliant with SOT-363 surface
mount package.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
Applications
Applications Circuit
1 Device performance _ measured on BeRex’s evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured on two tones with a output power -3 dBm/ tone , F2—F1 = 1 MHz.
Typical Performance
1
Min.
Typical
Max.
Unit
Bandwidth
50
4000
MHz
IC @ (Vc = 3.3V)
21
26
31
mA
IC @ (Vc = 4.0V)
56
70
84
mA
dG/dT
-0.0026
dB/°C
RTH
62
°C/W
BOM 50~500MHz 700~1700MHz
2500~4000MHz
1700~2400MHz
C1
820pF
100pF
10pF
10pF
C2
820pF
100pF
10pF
10pF
C3
100pF
100pF
100pF
100pF
C4
1nF
1000pF
1000pF
1000pF
C5
1uF
1uF
1uF
1uF
L1
820nH
82nH
18nH
27nH
BG
S4
IN
GND
GND
OUT
GND
GND
Parameter
Frequency
Unit
Vc=3.3V
70
900
1900 2140 2650 3500
MHz
Gain
24.7
19.7
14.2
13.2
11.1
10.3
dB
S11
-19.6 -11.9 -11.4 -13.1 -21.7 -13.2
dB
S22
-14.0 -18.7 -19.7 -17.0 -12.0 -13.9
dB
OIP32
31.0
28.0
30.0
29.5
30.0
30.8
dBm
P1dB
20.4
19.9
18.8
19.0
19.0
18.9
dBm
N.F
2.2
2.1
2.1
2.1
2.2
2.6
dB
Parameter
Frequency
Unit
Vc=4.0V
70
900
1900 2140 2650 3500
MHz
Gain
25.6
20.5
15.5
14.6
12.9
11.1
dB
S11
-16.6 -16.1 -10.5 -11.2 -14.2 -14.6
dB
S22
-19.0 -13.9 -25.2 -21.6 -15.8
-9.9
dB
OIP32
35.5
31.0
31.0
30.9
30.7
30.0
dBm
P1dB
22.5
21.6
20.8
20.9
21.3
22.0
dBm
N.F
3.5
3.3
3.7
3.8
4.0
4.2
dB


Similar Part No. - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
952Kb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
Rev. 13.0
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_V01 Datasheet
952Kb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
Rev. 13.0
More results

Similar Description - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12C BEREX-BG12C Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12C BEREX-BG12C_18 Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A_18 Datasheet
1,015Kb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com