Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BGS4
Description  50-4000 MHz Cascadable InGaP HBT Gain Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS4 Datasheet(HTML) 4 Page - BeRex Corporation

  BGS4 Datasheet HTML 1Page - BeRex Corporation BGS4 Datasheet HTML 2Page - BeRex Corporation BGS4 Datasheet HTML 3Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 3 page
background image
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4
4
Rev. H
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Performance (Vc = 3.3V, Ic = 26mA, T = 25°C)
Freq
MHz
70
500
900
1900
2140
2650
3500
S21
dB
24.7
22
19.7
14.2
13.2
11.1
10.3
S11
dB
-19.6
-18.1
-11.9
-11.4
-13.1
-21.7
-13.2
S22
dB
-14
-14.2
-18.7
-19.7
-17
-12
-13.2
P1
dBm
20.4
20.3
19.9
18.8
19
19
18.9
OIP3
dBm
31
28
28
30
29.5
30
30.8
NF
dB
2.2
2.6
2.1
2.12
2.17
2.28
2.6
Typical Performance (Vc = 4.0V, Ic = 70mA, T = 25°C)
Freq
MHz
70
500
900
1900
2140
2650
3500
S21
dB
25.6
23.2
20.5
15.5
14.6
12.9
11.1
S11
dB
-16.6
-15.1
-16.1
-10.5
-11.2
-14.2
-14.6
S22
dB
-19.0
-17.6
-13.9
-25.2
-21.6
-15.8
-9.9
P1
dBm
35.5
32.0
31.0
31.0
30.9
30.7
30.0
OIP3
dBm
22.5
21.7
21.6
20.8
20.9
21.3
22.0
NF
dB
3.5
3.7
3.3
3.7
3.8
4.0
4.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com