Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP103 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # BP103
Description  Especially suitable for applications from 420 nm to 1130 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP103 Datasheet(HTML) 4 Page - OSRAM GmbH

  BP103 Datasheet HTML 1Page - OSRAM GmbH BP103 Datasheet HTML 2Page - OSRAM GmbH BP103 Datasheet HTML 3Page - OSRAM GmbH BP103 Datasheet HTML 4Page - OSRAM GmbH BP103 Datasheet HTML 5Page - OSRAM GmbH BP103 Datasheet HTML 6Page - OSRAM GmbH BP103 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2000-01-01
4
OPTO SEMICONDUCTORS
BP 103
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen Ziffern
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
arabian figures.
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
-2
-3
-4
-5
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
v = 1000 lx
Normlicht/standard light A
V
CE = 5 V
I
PCE
I
PCE
80 … 160
0.38
125 … 250
0.6
200 … 400
0.95
≥ 320
1.4
µA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
IC = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
5
7912
µs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation
voltage
I
C = IPCEmin
1)
× 0.3
E
e = 0.5 mW/cm
2
V
CEsat
150
150
150
150
mV
Stromverstärkung
Current gain
E
e = 0.5 mW/cm
2, V
CE = 5 V
140
210
340
530
–
1)
IPCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
IPCEmin is the min. photocurrent of the specified group.
IPCE
IPCB
---------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com