Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP103 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BP103
Description  Especially suitable for applications from 420 nm to 1130 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP103 Datasheet(HTML) 1 Page - OSRAM GmbH

  BP103 Datasheet HTML 1Page - OSRAM GmbH BP103 Datasheet HTML 2Page - OSRAM GmbH BP103 Datasheet HTML 3Page - OSRAM GmbH BP103 Datasheet HTML 4Page - OSRAM GmbH BP103 Datasheet HTML 5Page - OSRAM GmbH BP103 Datasheet HTML 6Page - OSRAM GmbH BP103 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BP 103
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
2000-01-01
1
OPTO SEMICONDUCTORS
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 420 nm bis 1130 nm
• Hohe Linearität
• TO-18, Bodenplatte, klares Epoxy-Gießharz,
mit Basisanschluß
Anwendungen
• Computer-Blitzlichtgeräte
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
BP 103
Q62702-P75
BP 103-3
Q62702-P79-S2
BP 103-3/4
Q62702-P3577
BP 103-4
Q62702-P79-S4
Features
• Especially suitable for applications from
420 nm to 1130 nm
• High linearity
• TO-18, base plate, transparent epoxy resin
lens, with base connection
Applications
• Computer-controlled flashes
• Photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - BP103

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103-2 SIEMENS-BP103-2 Datasheet
331Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103-3 SIEMENS-BP103-3 Datasheet
331Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103-4 SIEMENS-BP103-4 Datasheet
331Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103-5 SIEMENS-BP103-5 Datasheet
331Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - BP103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBT-120-UV ETC2-CBT-120-UV Datasheet
1Mb / 8P
11 W of optical power from 370 nm to 392 nm
logo
AVAGO TECHNOLOGIES LIMI...
TO293BN-RXYZ AVAGO-TO293BN-RXYZ Datasheet
641Kb / 6P
1310 nm TO-Can Package for 10 Gb/s Applications
logo
Sensortechnics GmbH
50162901 SENSORTECHNICS-50162901 Datasheet
486Kb / 8P
RGB light detection from 350 to 900 nm
logo
OSRAM GmbH
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
SFH-2332 OSRAM-SFH-2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
logo
PHOENIX CONTACT
TSD-25-SAC PHOENIX-TSD-25-SAC Datasheet
48Kb / 3P
TSD ... SAC torque screwdrivers with a range of preset torques from 0.2 Nm to 2.5 Nm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com