Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLR2416 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # DLR2416
Description  The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLR2416 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button DLR2416 Datasheet HTML 3Page - OSRAM GmbH DLR2416 Datasheet HTML 4Page - OSRAM GmbH DLR2416 Datasheet HTML 5Page - OSRAM GmbH DLR2416 Datasheet HTML 6Page - OSRAM GmbH DLR2416 Datasheet HTML 7Page - OSRAM GmbH DLR2416 Datasheet HTML 8Page - OSRAM GmbH DLR2416 Datasheet HTML 9Page - OSRAM GmbH DLR2416 Datasheet HTML 10Page - OSRAM GmbH DLR2416 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DLR2416, DLO2416, DLG2416
2006-01-23
9
Character Set
Notes:
1. High=1 level
2. Low=0 level
3. Upon power up, the device will initialize in a random state.
Typical Schematic, 16-Character System
IDCS5087
ASCII
CODE
D0
D1
D2
D3
HEX
D4
D5
D6
000
0
1
1
0
0
2
01 0
3
01
1
4
10
0
5
10
1
6
11 0
7
111
0
0
0
0
0
1
0
0
1
0
2
0
0
0
1
3
0
0
1
1
4
0
1
0
0
5
0
1
1
0
6
0
1
0
1
7
0
1
1
1
8
1
0
0
0
9
1
0
1
0
A
1
0
0
1
B
1
0
1
1
C
1
1
0
0
D
1
1
1
0
E
1
1
0
1
F
1
1
1
1
IDCD5037
D15
D12 D11
D7
D3
D8
D4
D0
+ 5 V
GND
7
14
BL
D0-D6
CLR
WR
CU
CUE
A0, A1
CE2
CE1
2
CE2
CE2
CE1
CE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com