Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLR2416 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DLR2416
Description  The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLR2416 Datasheet(HTML) 1 Page - OSRAM GmbH

  DLR2416 Datasheet HTML 1Page - OSRAM GmbH DLR2416 Datasheet HTML 2Page - OSRAM GmbH DLR2416 Datasheet HTML 3Page - OSRAM GmbH DLR2416 Datasheet HTML 4Page - OSRAM GmbH DLR2416 Datasheet HTML 5Page - OSRAM GmbH DLR2416 Datasheet HTML 6Page - OSRAM GmbH DLR2416 Datasheet HTML 7Page - OSRAM GmbH DLR2416 Datasheet HTML 8Page - OSRAM GmbH DLR2416 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Lead (Pb) Free Product - RoHS Compliant
DLR2416, DLO2416, DLG2416
0.200" 4-Character 5 x 7 Dot Matrix
Alphanumeric Intelligent Display® Devices with Memory/Decoder/Driver
2006-01-23
1
Description
The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-
play is X/Y stackable.
The integrated circuit contains memory, ASCII ROM decoder, multiplexing circuitry and drivers. Data entry is asyn-
chronous and can be random. A display system can be built using any number of DLX2416s since each digit can be
addressed independently and will continue to display the character last stored until replaced by another.
System interconnection is very straightforward. The least significant two address bits (A0, A1) are normally connected
to the like-named inputs of all displays in the system. With two chip enables (CE1 and CE2) four displays (16 charac-
ters) can easily be interconnected without a decoder.
Data lines are connected to all DLX2416s directly and in parallel, as is the write line (WR). The display will then
behave as a write-only memory.
The cursor function causes all dots of a digit position to illuminate at half brightness. The cursor is not a character, and
when removed the previously displayed character will reappear.
The DLX2416 has several features superior to competitive devices. True ’’blanking“ allows the designer to dim the dis-
play for more flexibility of display presentation. Finally the CLR clear function will clear the cursor RAM and the ASCII
character RAM simultaneously.
The character set consists of 128 special ASCII characters for English, German, Italian, Swedish, Danish, and Norwe-
gian.
All products are subjected to out-going AQL’s of 0.25% for brightness matching, visual alignment and dimensions,
0.065% for electrical and functional.
Features
•
0.200" High, Dot Matrix Character
•
128 Special ASCII Characters for English, German,
Italian, Swedish, Danish, and Norwegian Languages
•
Wide Viewing Angle: X Axis ±50° Maximum,
Y Axis ±75° Maximum
•
Close Multi-line Spacing, 0.8" Centers
•
Fast Access Time, 110 ns at 25°C
•
Full Size Display for Stationary Equipment
•
Built-in Memory
•
Built-in Character Generator
•
Built-in Multiplex and LED Drive Circuitry
•
Direct Access to Each Digit Independently and Asyn-
chronously
•
Independent Cursor Function
•
Memory Function: Clears Character and Cursor Mem-
ory Simultaneously
•
True Blanking for Intensity Dimming Applications
•
End Stackable, 4-Character Package
•
Intensity Coded for Display Uniformity
•
Extended Operating Temperature Range:
–40°C to +85°C
•
Superior ESD Immunity
•
Wave Solderable
•
TTL Compatible over Operating Temperature Range
•
Interdigit Blanking
See Appnotes 18, 19, 22, and 23 for additional
information.


Similar Part No. - DLR2416

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR2416 SIEMENS-DLR2416 Datasheet
214Kb / 7P
4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
More results

Similar Description - DLR2416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-2570 ETC1-C-2570 Datasheet
92Kb / 1P
C/A-2570X 0.7INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Lite-On Technology Corp...
LTP-757G LITEON-LTP-757G Datasheet
150Kb / 5P
The LTP-757G is a 0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
LTP-747E LITEON-LTP-747E Datasheet
145Kb / 5P
The LTP-747E is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
LTP-747G LITEON-LTP-747G Datasheet
145Kb / 5P
The LTP-747G is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
LTP-747KD LITEON-LTP-747KD Datasheet
157Kb / 5P
The LTP-747KD is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
LTP-747Y LITEON-LTP-747Y Datasheet
144Kb / 5P
The LTP-747Y is a 0.7 inch (17.22 mm) matrix height 5 x 7 dot matrix display
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
5 x 7 Dot Matrix Intelligent Display
logo
Lucky Light Electronic
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
5 x 7 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com