Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBLTLVE63C Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LBLTLVE63C
Description  white P-LCC-4 package, colorless clear resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBLTLVE63C Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LBLTLVE63C Datasheet HTML 8Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 9Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 10Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 11Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 12Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 13Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 14Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 15Page - OSRAM GmbH LBLTLVE63C Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2006-04-13
12
LB E63C, LV E63C, LT E63C
Maßzeichnung
8) Seite 18
Package Outlines
8)
page 18
Gewicht / Approx. weight:
38 mg
Gurtung / Polarität und Lage
8) Seite 18
Verpackungseinheit 2000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 18
Packing unit 2000/reel, ø330 mm
3.5 (0.138) max.
0.13 (0.005)
0.18 (0.007)
0.1 (0.004) typ
marking
Package
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
GPLY7000
0.4 (0.016)
0.6 (0.024)
0.9 (0.035)
0.7 (0.028)
1.7 (0.067)
2.1 (0.083)
0.6 (0.024)
0.8 (0.031)
AC
C
C
C
C
C
A
OHAY0734
1.5 (0.059) 2 (0.079)
4 (0.157)
3 (0.118)
8 (0.315)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com