Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQAR.CC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWCQAR.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQAR.CC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWCQAR.CC Datasheet HTML 3Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 4Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 5Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 6Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 7Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 8Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 9Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 10Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Version 1.2
LCW CQAR.CC
2013-06-15
7
Color Chromaticity Groups 7) page 26
Farbortgruppen 7) Seite 26
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5J
0.3512
0.3465
5P
0.3975
0.3731
8T
0.4430
0.4138
0.3524
0.3555
0.4006
0.3815
0.4474
0.4228
0.3591
0.3522
0.4061
0.3773
0.4515
0.4168
0.3608
0.3616
0.4095
0.3858
0.4562
0.4260
6J
0.3524
0.3555
6P
0.4006
0.3815
5U
0.4373
0.3893
0.3536
0.3646
0.4036
0.3898
0.4420
0.3985
0.3608
0.3616
0.4095
0.3858
0.4428
0.3906
0.3625
0.3711
0.4130
0.3944
0.4477
0.3998
7J
0.3536
0.3646
7P
0.4036
0.3898
6U
0.4420
0.3985
0.3548
0.3736
0.4067
0.3982
0.4468
0.4077
0.3625
0.3711
0.4130
0.3944
0.4477
0.3998
0.3642
0.3805
0.4164
0.4029
0.4526
0.4090
5K
0.3591
0.3522
8P
0.4067
0.3982
7U
0.4468
0.4077
0.3608
0.3616
0.4097
0.4065
0.4515
0.4168
0.3670
0.3578
0.4164
0.4029
0.4526
0.4090
0.3692
0.3677
0.4198
0.4115
0.4576
0.4183
6K
0.3608
0.3616
5Q
0.4061
0.3773
8U
0.4515
0.4168
0.3625
0.3711
0.4095
0.3858
0.4562
0.4260
0.3692
0.3677
0.4147
0.3814
0.4576
0.4183
0.3714
0.3775
0.4185
0.3902
0.4625
0.4275
7K
0.3625
0.3711
6Q
0.4095
0.3858
5V
0.4428
0.3906
0.3642
0.3805
0.4130
0.3944
0.4477
0.3998
0.3714
0.3775
0.4185
0.3902
0.4483
0.3919
0.3736
0.3874
0.4223
0.3990
0.4534
0.4011
5L
0.3670
0.3578
7Q
0.4130
0.3944
6V
0.4477
0.3998
0.3692
0.3677
0.4164
0.4029
0.4526
0.4090
0.3746
0.3624
0.4223
0.3990
0.4534
0.4011
0.3773
0.3726
0.4261
0.4077
0.4585
0.4104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com