Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQAR.CC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWCQAR.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQAR.CC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWCQAR.CC Datasheet HTML 4Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 5Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 6Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 7Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 8Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 9Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 10Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 11Page - OSRAM GmbH LCWCQAR.CC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2013-06-15
8
Version 1.2
LCW CQAR.CC
6L
0.3692
0.3677
8Q
0.4164
0.4029
7V
0.4526
0.4090
0.3714
0.3775
0.4198
0.4115
0.4576
0.4183
0.3773
0.3726
0.4261
0.4077
0.4585
0.4104
0.3799
0.3828
0.4299
0.4165
0.4636
0.4197
7L
0.3714
0.3775
5R
0.4147
0.3814
8V
0.4576
0.4183
0.3736
0.3874
0.4185
0.3902
0.4625
0.4275
0.3799
0.3828
0.4222
0.3840
0.4636
0.4197
0.3826
0.3931
0.4263
0.3929
0.4688
0.4290
5M
0.3746
0.3624
6R
0.4185
0.3902
5W
0.4483
0.3919
0.3773
0.3726
0.4223
0.3990
0.4534
0.4011
0.3822
0.3670
0.4263
0.3929
0.4538
0.3931
0.3853
0.3776
0.4305
0.4019
0.4591
0.4025
6M
0.3773
0.3726
7R
0.4223
0.3990
6W
0.4534
0.4011
0.3799
0.3828
0.4261
0.4077
0.4585
0.4104
0.3853
0.3776
0.4305
0.4019
0.4591
0.4025
0.3885
0.3882
0.4346
0.4108
0.4644
0.4118
7M
0.3799
0.3828
8R
0.4261
0.4077
7W
0.4585
0.4104
0.3826
0.3931
0.4299
0.4165
0.4636
0.4197
0.3885
0.3882
0.4346
0.4108
0.4644
0.4118
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
5N
0.3822
0.3670
5S
0.4222
0.3840
8W
0.4636
0.4197
0.3853
0.3776
0.4263
0.3929
0.4688
0.4290
0.3898
0.3716
0.4298
0.3867
0.4697
0.4211
0.3934
0.3825
0.4342
0.3957
0.4750
0.4304
6N
0.3853
0.3776
6S
0.4263
0.3929
5X
0.4538
0.3931
0.3885
0.3882
0.4305
0.4019
0.4591
0.4025
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
7N
0.3885
0.3882
7S
0.4305
0.4019
6X
0.4591
0.4025
0.3916
0.3987
0.4346
0.4108
0.4644
0.4118
0.3970
0.3935
0.4386
0.4048
0.0000
0.0000
0.4006
0.4044
0.4430
0.4138
0.0000
0.0000
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com