Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQAR.EC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWCQAR.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQAR.EC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWCQAR.EC Datasheet HTML 4Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 5Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 6Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 7Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 8Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 9Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 10Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 11Page - OSRAM GmbH LCWCQAR.EC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2013-06-15
8
Version 1.5
LCW CQAR.EC
B8
0.4920
0.4239
6O
0.3916
0.3772
5V
0.4428
0.3906
0.4980
0.4334
0.3943
0.3853
0.4477
0.3998
0.4989
0.4246
0.4006
0.3815
0.4483
0.3919
0.5051
0.4340
0.4036
0.3898
0.4534
0.4011
C5
0.4804
0.3963
7O
0.3943
0.3853
6V
0.4477
0.3998
0.4866
0.4057
0.3970
0.3934
0.4526
0.4090
0.4872
0.3969
0.4036
0.3898
0.4534
0.4011
0.4935
0.4064
0.4067
0.3982
0.4585
0.4104
C6
0.4866
0.4057
8O
0.3970
0.3934
7V
0.4526
0.4090
0.4928
0.4152
0.3997
0.4015
0.4576
0.4183
0.4935
0.4064
0.4067
0.3982
0.4585
0.4104
0.4999
0.4158
0.4097
0.4065
0.4636
0.4197
C7
0.4928
0.4152
5P
0.3975
0.3731
8V
0.4576
0.4183
0.4989
0.4246
0.4006
0.3815
0.4625
0.4275
0.4999
0.4158
0.4061
0.3773
0.4636
0.4197
0.5063
0.4252
0.4095
0.3858
0.4688
0.4290
C8
0.4989
0.4246
6P
0.4006
0.3815
5W
0.4483
0.3919
0.5051
0.4340
0.4036
0.3898
0.4534
0.4011
0.5063
0.4252
0.4095
0.3858
0.4538
0.3931
0.5126
0.4347
0.4130
0.3944
0.4591
0.4025
5H
0.3366
0.3369
7P
0.4036
0.3898
6W
0.4534
0.4011
0.3369
0.3451
0.4067
0.3982
0.4585
0.4104
0.3441
0.3428
0.4130
0.3944
0.4591
0.4025
0.3448
0.3515
0.4164
0.4029
0.4644
0.4118
6H
0.3369
0.3451
8P
0.4067
0.3982
7W
0.4585
0.4104
0.3373
0.3534
0.4097
0.4065
0.4636
0.4197
0.3448
0.3515
0.4164
0.4029
0.4644
0.4118
0.3456
0.3601
0.4198
0.4115
0.4697
0.4211
7H
0.3373
0.3534
5Q
0.4061
0.3773
8W
0.4636
0.4197
0.3376
0.3616
0.4095
0.3858
0.4688
0.4290
0.3456
0.3601
0.4147
0.3814
0.4697
0.4211
0.3464
0.3688
0.4185
0.3902
0.4750
0.4304
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com