Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCRDP.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWCRDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWCRDP.EC Datasheet HTML 3Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 4Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 5Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 6Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 7Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 8Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 9Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 10Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Version 1.3
LCW CRDP.EC
2013-06-15
7
Color Chromaticity Groups 7) page 27
Farbortgruppen 7) Seite 27
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
A5
0.4689
0.3953
5M
0.3746
0.3624
6T
0.4342
0.3957
0.4740
0.3957
0.3773
0.3726
0.4386
0.4048
0.4747
0.4047
0.3822
0.3670
0.4420
0.3985
0.4800
0.4052
0.3853
0.3776
0.4468
0.4077
A6
0.4747
0.4047
6M
0.3773
0.3726
7T
0.4386
0.4048
0.4800
0.4052
0.3799
0.3828
0.4430
0.4138
0.4805
0.4141
0.3853
0.3776
0.4468
0.4077
0.4860
0.4146
0.3885
0.3882
0.4515
0.4168
A7
0.4805
0.4141
7M
0.3799
0.3828
8T
0.4430
0.4138
0.4860
0.4146
0.3826
0.3931
0.4474
0.4228
0.4863
0.4234
0.3885
0.3882
0.4515
0.4168
0.4920
0.4239
0.3916
0.3987
0.4562
0.4260
A8
0.4863
0.4234
5N
0.3822
0.3670
5U
0.4373
0.3893
0.4920
0.4239
0.3853
0.3776
0.4420
0.3985
0.4922
0.4329
0.3898
0.3716
0.4428
0.3906
0.4980
0.4334
0.3934
0.3825
0.4477
0.3998
B5
0.4740
0.3957
6N
0.3853
0.3776
6U
0.4420
0.3985
0.4800
0.4052
0.3885
0.3882
0.4468
0.4077
0.4804
0.3963
0.3934
0.3825
0.4477
0.3998
0.4866
0.4057
0.3970
0.3935
0.4526
0.4090
B6
0.4800
0.4052
7N
0.3885
0.3882
7U
0.4468
0.4077
0.4860
0.4146
0.3916
0.3987
0.4515
0.4168
0.4866
0.4057
0.3970
0.3935
0.4526
0.4090
0.4928
0.4152
0.4006
0.4044
0.4576
0.4183
B7
0.4860
0.4146
5O
0.3890
0.3690
8U
0.4515
0.4168
0.4920
0.4239
0.3916
0.3772
0.4562
0.4260
0.4928
0.4152
0.3975
0.3731
0.4576
0.4183
0.4989
0.4246
0.4006
0.3815
0.4625
0.4275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com