Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCRDP.EC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCWCRDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.EC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCWCRDP.EC Datasheet HTML 5Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 6Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 7Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 8Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 9Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 10Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 11Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 12Page - OSRAM GmbH LCWCRDP.EC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Version 1.3
LCW CRDP.EC
2013-06-15
9
5I
0.3441
0.3428
6Q
0.4095
0.3858
5X
0.4538
0.3931
0.3448
0.3515
0.4130
0.3944
0.4591
0.4025
0.3515
0.3487
0.4185
0.3902
0.4593
0.3944
0.3527
0.3578
0.4223
0.3990
0.4648
0.4038
6I
0.3448
0.3515
7Q
0.4130
0.3944
6X
0.4591
0.4025
0.3456
0.3601
0.4164
0.4029
0.4644
0.4118
0.3527
0.3578
0.4223
0.3990
0.4648
0.4038
0.3539
0.3669
0.4261
0.4077
0.4703
0.4132
7I
0.3456
0.3601
8Q
0.4164
0.4029
7X
0.4644
0.4118
0.3464
0.3688
0.4198
0.4115
0.4697
0.4211
0.3539
0.3669
0.4261
0.4077
0.4703
0.4132
0.3551
0.3760
0.4299
0.4165
0.4758
0.4225
5J
0.3512
0.3465
5R
0.4147
0.3814
8X
0.4697
0.4211
0.3524
0.3555
0.4185
0.3902
0.4750
0.4304
0.3591
0.3522
0.4222
0.3840
0.4758
0.4225
0.3608
0.3616
0.4263
0.3929
0.4813
0.4319
6J
0.3524
0.3555
6R
0.4185
0.3902
5Y
0.4593
0.3944
0.3536
0.3646
0.4223
0.3990
0.4639
0.3948
0.3608
0.3616
0.4263
0.3929
0.4648
0.4038
0.3625
0.3711
0.4305
0.4019
0.4696
0.4042
7J
0.3536
0.3646
7R
0.4223
0.3990
6Y
0.4648
0.4038
0.3548
0.3736
0.4261
0.4077
0.4696
0.4042
0.3625
0.3711
0.4305
0.4019
0.4703
0.4132
0.3642
0.3805
0.4346
0.4108
0.4753
0.4136
5K
0.3591
0.3522
8R
0.4261
0.4077
7Y
0.4703
0.4132
0.3608
0.3616
0.4299
0.4165
0.4753
0.4136
0.3670
0.3578
0.4346
0.4108
0.4758
0.4225
0.3692
0.3677
0.4387
0.4197
0.4809
0.4230
6K
0.3608
0.3616
5S
0.4222
0.3840
8Y
0.4758
0.4225
0.3625
0.3711
0.4263
0.3929
0.4809
0.4230
0.3692
0.3677
0.4298
0.3867
0.4813
0.4319
0.3714
0.3775
0.4342
0.3957
0.4866
0.4324
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com