Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWG5GP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCWG5GP
Description  white PLCC-4 package, clear silicone resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG5GP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCWG5GP Datasheet HTML 7Page - OSRAM GmbH LCWG5GP Datasheet HTML 8Page - OSRAM GmbH LCWG5GP Datasheet HTML 9Page - OSRAM GmbH LCWG5GP Datasheet HTML 10Page - OSRAM GmbH LCWG5GP Datasheet HTML 11Page - OSRAM GmbH LCWG5GP Datasheet HTML 12Page - OSRAM GmbH LCWG5GP Datasheet HTML 13Page - OSRAM GmbH LCWG5GP Datasheet HTML 14Page - OSRAM GmbH LCWG5GP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LCW G5GP
2012-04-12
11
Durchlassstrom
2)4) Seite 20
Forward Current2)4) page 20
I
F = f (VF); TS = 25 °C
solid line: specified DC-range
Farbortverschiebung
2) Seite 20
Chromaticity Coordinate Shift2) page 20
x, y =
f (I
F); TS = 25 °C
Relative Lichtstrom
2) Seite 20
Relative Luminous Flux2) page 20
Φ
V/ΦV(100 mA) = f (I
F); TS = 25 °C
OHL04282
F
I
V
mA
2.8
F
V
0
20
40
60
80
100
120
140
160
200
2.9
3
3.1 3.2 3.3
3.5
Cy
Cx,
Cx
F
I
Cy
OHL04482
60
40
80 100 120
mA
140 160
200
0.36
0.38
0.40
0.42
0.44
0.46
0.50
OHL04481
I
F
Φ (100 mA)
V
V
Φ
0
mA
40 60 80 100 120 140 160
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com