Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWG5GP Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCWG5GP
Description  white PLCC-4 package, clear silicone resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG5GP Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCWG5GP Datasheet HTML 10Page - OSRAM GmbH LCWG5GP Datasheet HTML 11Page - OSRAM GmbH LCWG5GP Datasheet HTML 12Page - OSRAM GmbH LCWG5GP Datasheet HTML 13Page - OSRAM GmbH LCWG5GP Datasheet HTML 14Page - OSRAM GmbH LCWG5GP Datasheet HTML 15Page - OSRAM GmbH LCWG5GP Datasheet HTML 16Page - OSRAM GmbH LCWG5GP Datasheet HTML 17Page - OSRAM GmbH LCWG5GP Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2012-04-12
14
LCW G5GP
Maßzeichnung
5) Seite 20
Package Outlines
5) page 20
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
50 mg
Gurtung / Polarität und Lage5) Seite 20
Verpackungseinheit 700/Rolle, ø180 mm
Method of Taping / Polarity and Orientation5) page 20
Packing unit 700/reel, ø180 mm
OHTY3600
1.5 (0.059)
+0.1 (0.004)
4 (0.157)
2 (0.079) ±0.05 (0.002)
3.6 (0.142)
0.3 (0.012) ±0.05 (0.002)
2.25 (0.089)
1.4 (0.055)
8 (0.315)
Cathode/
Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com