Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWG6CP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWG6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG6CP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWG6CP Datasheet HTML 4Page - OSRAM GmbH LCWG6CP Datasheet HTML 5Page - OSRAM GmbH LCWG6CP Datasheet HTML 6Page - OSRAM GmbH LCWG6CP Datasheet HTML 7Page - OSRAM GmbH LCWG6CP Datasheet HTML 8Page - OSRAM GmbH LCWG6CP Datasheet HTML 9Page - OSRAM GmbH LCWG6CP Datasheet HTML 10Page - OSRAM GmbH LCWG6CP Datasheet HTML 11Page - OSRAM GmbH LCWG6CP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2015-04-30
8
Version 1.2
LCW G6CP
Color Temperature 3000K 2) page 27
Farbtemperatur 3000K 2) Seite 27
9V
0.4625
0.4275
9X
0.4750
0.4304
0.4674
0.4367
0.4803
0.4398
0.4688
0.4290
0.4813
0.4319
0.4739
0.4382
0.4868
0.4413
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4R
0.4109
0.3726
7S
0.4304
0.4018
0.4147
0.3814
0.4346
0.4108
0.4181
0.3751
0.4386
0.4047
0.4222
0.3840
0.4430
0.4138
5R
0.4147
0.3814
8S
0.4346
0.4108
0.4185
0.3902
0.4387
0.4197
0.4222
0.3840
0.4430
0.4138
0.4263
0.3929
0.4474
0.4228
6R
0.4185
0.3902
9S
0.4387
0.4197
0.4223
0.3989
0.4428
0.4286
0.4263
0.3929
0.4474
0.4228
0.4304
0.4018
0.4518
0.4319
7R
0.4223
0.3989
4T
0.4253
0.3776
0.4261
0.4077
0.4298
0.3867
0.4304
0.4018
0.4326
0.3801
0.4346
0.4108
0.4373
0.3893
8R
0.4261
0.4077
5T
0.4298
0.3867
0.4299
0.4165
0.4342
0.3957
0.4346
0.4108
0.4373
0.3893
0.4387
0.4197
0.4420
0.3985
9R
0.4299
0.4165
6T
0.4342
0.3957
0.4337
0.4253
0.4386
0.4047
0.4387
0.4197
0.4420
0.3985
0.4428
0.4286
0.4467
0.4076
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com