Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWG6CP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCWG6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG6CP Datasheet(HTML) 1 Page - OSRAM GmbH

  LCWG6CP Datasheet HTML 1Page - OSRAM GmbH LCWG6CP Datasheet HTML 2Page - OSRAM GmbH LCWG6CP Datasheet HTML 3Page - OSRAM GmbH LCWG6CP Datasheet HTML 4Page - OSRAM GmbH LCWG6CP Datasheet HTML 5Page - OSRAM GmbH LCWG6CP Datasheet HTML 6Page - OSRAM GmbH LCWG6CP Datasheet HTML 7Page - OSRAM GmbH LCWG6CP Datasheet HTML 8Page - OSRAM GmbH LCWG6CP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2015-04-30
1
2015-04-30
Advanced Power TOPLED
Datasheet
Version 1.2
LCW G6CP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
Package: white SMT package, colorless clear
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.42, Cy = 0.40 acc. to CIE 1931
(warm white); CRI (typ.) = 80; CTR = 2500 K - 4800
K
Farbe: Cx = 0.42, Cy = 0.40 nach CIE 1931
(warmweiß); CRI (typ.) = 80; CTR = 2500 K - 4800 K
Optical efficiency (typ.): 51 lm/W (warm white) at
3500 K
Optischer Wirkungsgrad (typ.): 51 lm/W
(warmweiß) at 3500 K
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Automotive Interior Lighting
Automobilbeleuchtung innen
Exterior Automotive Lighting
Automobilbeleuchtung außen
Architectural Lighting indoor and outdoor
Architekturbeleuchtung innen und außen
White Goods Lighting
Weiße Ware


Similar Part No. - LCWG6CP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP-DAFA-4J8K OSRAM-LCWG6CP-DAFA-4J8K Datasheet
805Kb / 28P
Automotive Interior Lighting
LCWG6CP-DAFA-4L8N OSRAM-LCWG6CP-DAFA-4L8N Datasheet
805Kb / 28P
Automotive Interior Lighting
LCWG6CP-DAFA-4O9Q OSRAM-LCWG6CP-DAFA-4O9Q Datasheet
805Kb / 28P
Automotive Interior Lighting
LCWG6CP-DAFA-4R9T OSRAM-LCWG6CP-DAFA-4R9T Datasheet
805Kb / 28P
Automotive Interior Lighting
LCWG6CP-DAFA-4U9X OSRAM-LCWG6CP-DAFA-4U9X Datasheet
805Kb / 28P
Automotive Interior Lighting
More results

Similar Description - LCWG6CP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-G6SP OSRAM-LT-G6SP Datasheet
663Kb / 22P
white SMT package, colorless clear silicone resin
LY-G6SP OSRAM-LY-G6SP Datasheet
611Kb / 21P
white SMT package, colorless clear silicone resin
LB-A6SG OSRAM-LB-A6SG Datasheet
269Kb / 16P
white SMT package, colorless clear silicone resin
LB-P4SG OSRAM-LB-P4SG Datasheet
639Kb / 22P
white SMT package, colorless clear silicone resin
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-P4SG OSRAM-LT-P4SG Datasheet
597Kb / 22P
white SMT package, colorless clear silicone resin
LW-G6CP OSRAM-LW-G6CP Datasheet
674Kb / 23P
white SMT package, colorless clear silicone resin
LCW-G6CP OSRAM-LCW-G6CP Datasheet
805Kb / 28P
white SMT package, colorless clear silicone resin
LUW-GVCP OSRAM-LUW-GVCP Datasheet
670Kb / 22P
white SMT package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com