Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC643 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC643
Description  Inverting Octal TRI-STATE Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC643 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC643 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC643 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC643 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC643 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC643 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC643 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5344
January 1988
MM54HC640MM74HC640
Inverting Octal TRI-STATE
Transceiver
MM54HC643MM74HC643
True-Inverting Octal TRI-STATE Transceiver
General Description
These TRI-STATE bi-directional buffers utilize advanced sili-
con-gate CMOS technology and are intended for two-way
asynchronous communication between data buses They
have high drive current outputs which enable high speed
operation even when driving large bus capacitances These
circuits possess the low power consumption and high noise
immunity usually associated with CMOS circuitry yet have
speeds comparable to low power Schottky TTL circuits
Each device has an active low enable G and a direction
control input DIR When DIR is high data flows from the A
inputs to the B outputs When DIR is low data flows from
the B inputs to the A outputs
The MM54HC640
MM74HC640 transfers inverted data from one bus to other
and the MM54HC643MM74HC643 transfers inverted data
from the A bus to the B bus and true data from the B bus to
the A bus
These devices can drive up to 15 LS-TTL Loads and all
inputs are protected from damage due to static discharge by
diodes to VCC and ground
Features
Y
Typical propagation delay 13 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 80 mA maximum (74 HC)
Y
TRI-STATE outputs for connection to bus oriented
systems
Y
High output drive 6 mA (min)
Connection Diagrams
Dual-In-Line Package
TLF5344 – 1
Top View
Order Number MM54HC640 or MM74HC640
Dual-In-Line Package
TLF5344 – 2
Top View
Order Number MM54HC643 or MM74HC643
Truth Table
Control
Operation
Inputs
G
DIR
640
643
LL
B data to A bus
B data to A bus
LH
A data to B bus
A data to B bus
H
X
Isolation
Isolation
H e high level L e low level X e irrelevant
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC646 NSC-MM54HC646 Datasheet
198Kb / 6P
Non-Inverting Octal Bus Transceiver/Registers
MM54HC648 NSC-MM54HC648 Datasheet
198Kb / 6P
Non-Inverting Octal Bus Transceiver/Registers
More results

Similar Description - MM54HC643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
Non-Inverting Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
Octal bus transceiver; 3-state; inverting
March 1988
logo
National Semiconductor ...
74LS245 NSC-74LS245 Datasheet
139Kb / 6P
TRI-STATE Octal Bus Transceiver
MM74HC245A NSC-MM74HC245A Datasheet
127Kb / 6P
Octal TRI-STATE Transceiver
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
MM54HC620 NSC-MM54HC620 Datasheet
124Kb / 4P
Octal TRI-STATE Transceiver
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com