Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWS2LN Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEUWS2LN
Description  compact lightsource in multi chip SMT technology with silicone lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2LN Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEUWS2LN Datasheet HTML 7Page - OSRAM GmbH LEUWS2LN Datasheet HTML 8Page - OSRAM GmbH LEUWS2LN Datasheet HTML 9Page - OSRAM GmbH LEUWS2LN Datasheet HTML 10Page - OSRAM GmbH LEUWS2LN Datasheet HTML 11Page - OSRAM GmbH LEUWS2LN Datasheet HTML 12Page - OSRAM GmbH LEUWS2LN Datasheet HTML 13Page - OSRAM GmbH LEUWS2LN Datasheet HTML 14Page - OSRAM GmbH LEUWS2LN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LE UW S2LN
2010-12-13
11
Relative Vorwärtsspannung pro Chip
2) Seite 20
Relative Forward Voltage per chip
2) page 20
ΔV
F = VF - VF(25 °C) = f(Tj); IF= 350 mA
Farbortverschiebung
2) Seite 20
Chromaticity Coordinate Shift
2) page 20
ΔCx, ΔCy = f (T
j); IF = 350 mA
Relative Lichtstrom
2) Seite 20
Relative Luminous Flux
2) page 20
Φ
V/ΦV(25 °C) = f (Tj); IF = 350 mA
-0.4
T
j
OHL04203
V
F
V
Δ
120
˚C
60
20 40
0
-20
-40
80
-0.3
-0.2
-0.1
0
0.1
0.3
OHL04354
Cx,
Δ
Cy
Δ
-40
˚C
j
T
-20
0
20 40 60 80
120
-0.020
Cx
Cy
-0.015
-0.010
-0.005
0
0.005
0.010
0
T
j
OHL14202
˚C
-40
(25 ˚C)
Φ
0.2
0.4
0.6
0.8
1.2
-20
0
20 40 60 80
120
V
Φ
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com