Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWS2LN Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEUWS2LN
Description  compact lightsource in multi chip SMT technology with silicone lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2LN Datasheet(HTML) 4 Page - OSRAM GmbH

  LEUWS2LN Datasheet HTML 1Page - OSRAM GmbH LEUWS2LN Datasheet HTML 2Page - OSRAM GmbH LEUWS2LN Datasheet HTML 3Page - OSRAM GmbH LEUWS2LN Datasheet HTML 4Page - OSRAM GmbH LEUWS2LN Datasheet HTML 5Page - OSRAM GmbH LEUWS2LN Datasheet HTML 6Page - OSRAM GmbH LEUWS2LN Datasheet HTML 7Page - OSRAM GmbH LEUWS2LN Datasheet HTML 8Page - OSRAM GmbH LEUWS2LN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2010-12-13
4
LE UW S2LN
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Farbkoordinate x nach CIE 1931
3) Seite 20
(typ.)
Chromaticity coordinate x acc. to CIE 1931
3) page 20
I
F = 350 mA
x
0.31
–
Farbkoordinate y nach CIE 1931
3) Seite 20
(typ.)
Chromaticity coordinate y acc. to CIE 1931
3) page 20
I
F = 350 mA
y
0.32
–
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
140
Grad
deg.
Durchlassspannung pro Chip
4) Seite 20)
(min.)
Forward voltage per chip
4) page 20
(typ.)
I
F = 350 mA
(max.)
V
F
V
F
V
F
2.7
3.2
3.7
V
V
V
Sperrstrom
(max.)
Reverse current
(U
R=0.5V)
I
R
not designed for reverse
operation
μA
Optischer Wirkungsgrad
(typ.)
Optical efficacy
I
F = 350 mA
η
V
100
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
2.4 x 2.4
mm²
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(typ.)
Junction/solder point
(max.)
R
th eff mit 20% Effizienz / Rth eff with 20% eff.
Sperrschicht/Lötpad
(typ.)
Junction/solder point
(max.)
R
th JS real
R
th JS real
R
th JS eff
R
th JS eff
4.2
5.0**
3.5
4.2**
K/W
K/W
K/W
K/W
*
Einzelgruppen siehe Seite 5
Individual groups on page 5
** R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com