Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGL890 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LGL890
Description  SMT package SCD 80
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGL890 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LGL890 Datasheet HTML 3Page - OSRAM GmbH LGL890 Datasheet HTML 4Page - OSRAM GmbH LGL890 Datasheet HTML 5Page - OSRAM GmbH LGL890 Datasheet HTML 6Page - OSRAM GmbH LGL890 Datasheet HTML 7Page - OSRAM GmbH LGL890 Datasheet HTML 8Page - OSRAM GmbH LGL890 Datasheet HTML 9Page - OSRAM GmbH LGL890 Datasheet HTML 10Page - OSRAM GmbH LGL890 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LG L890
2002-12-10
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (TA)
Max. Permissible Forward Current
T
S: temp. solder point
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (TA)
Max. Permissible Forward Current
T
A: temp. ambient
10 -1
V
5
OHL01263
I
F
F
V
0
10
1
10
2
10
5
mA
1
1.4
1.8
2.2
2.6
3
3.4
OHL00045
0
IF
T
0
10 20 30 40 50 60 70 80 ˚C 100
thja
R
= 500 K/W
5
10
15
20
25
30
35
40
mA
temp. ambient
A
T
OHL00046
0
IF
T
0
10 20 30 40 50 60 70 80 ˚C 100
thjs
R
= 290 K/W
5
10
15
20
25
30
35
40
mA
temp. solder point
S
T
OHL01449
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
5
10
0
5
1
mA
2
10
I
(20 mA)
I
V
I
V
OHL01456
0
IF
T
0
A
10 20 30 40 50 60 70 80 ˚C 100
thja
R
= 500 K/W
5
10
15
20
25
30
35
40
mA
OHL00045
0
IF
T
0
10 20 30 40 50 60 70 80 ˚C 100
thja
R
= 500 K/W
5
10
15
20
25
30
35
40
mA
temp. ambient
A
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com